Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-1450-L0NA2 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-1450-L0NA2
Descripción Electrónicos  T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-1450-L0NA2 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-1450-L0NA2 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Absolute Maximum Ratings at TA = 25°C
Parameter
Red
Yellow
Green/Emerald Green
Units
Peak Forward Current
90
60
90
mA
Average Forward Current[1]
25
20
25
mA
DC Current[2]
30
20
30
mA
Transient Forward Current[3]
500
500
500
mA
(10 μs Pulse)
Reverse Voltage (IR = 100 μA)
5
5
5
V
LED Junction Temperature
110
110
110
°C
Operating Temperature Range
-40 to +100
-40 to +100
-20 to +100
°C
Storage Temperature Range
-40 to +100
-40 to +100
-40 to +100
°C
Notes:
1. See Figure 2 to establish pulsed operating conditions.
2. For Red and Green series derate linearly from 50°C at 0.5 mA/°C. For Yellow series derate linearly from 50°C at 0.2 mA/°C.
3. The transient peak current is the maximum non-recurring peak current the devices can withstand without damaging the LED die and wire bonds.
It is not recommended that the device be operated at peak currents beyond the Absolute Maximum Peak Forward Current.
HLMP - x x xx - x x x xx
Mechanical Options
00: Bulk
01: Tape & Reel, Crimped Leads
02, Bx: Tape & Reel, Straight Leads
A1, B1: Right Angle Housing, Uneven Leads
A2, B2: Right Angle Housing, Even Leads
Dx, Ex: Ammo Pack, Straight Leads
FH: 2 Iv Bin Select with Inventory Control
Vx: Ammo Pack, Crimped Leads
Color Bin Options
0: Full Color Bin Distribution
N: Color Bin 6 & 7 Only
Maximum Iv Bin Options
0: Open (No. Max. Limit)
Others: Please Refer to the Iv Bin Table
Minimum Iv Bin Options
Please Refer to the Iv Bin Table
Color Options
3, 7: GaP HER
4, 8: GaP Yellow (except K4xx series)
5, 9: GaP Green
6: GaP Emerald Green
Package Option
1, K: T-1 (3 mm)
3: T-13/4 (5 mm)
Part Numbering System


Número de pieza similar - HLMP-1450-L0NA2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-1450-1.00000 HP-HLMP-1450-1.00000 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1450-1.00001 HP-HLMP-1450-1.00001 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1450-1.00002 HP-HLMP-1450-1.00002 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1450-1.0O000 HP-HLMP-1450-1.0O000 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1450-1.0O001 HP-HLMP-1450-1.0O001 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
More results

Descripción similar - HLMP-1450-L0NA2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com