Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FSTUD32450G Datasheet(PDF) 5 Page - Fairchild Semiconductor |
|
FSTUD32450G Datasheet(HTML) 5 Page - Fairchild Semiconductor |
5 / 13 page 5 www.fairchildsemi.com Functional Description The device can also be configured as an 8 and 16-bit device by grounding the unused pins in Configurations 2 and 1 respectively. The 8-bit configuration may also be achieved by tying two of the 4-bit enables from configuration together and tying the remaining enable pin (OE) HIGH. Truth Tables (X = V CC or GND) (see Functional Description) Select Pin S2, S5 Mode L Std. NMOS Switch H Level Shifting Diode Enabled 20-Bit Configuration (S0 = S1 = L) Inputs Inputs/Outputs OE1 OE2 OE3 OE4 OE5 L X XXX 1A1-10 = 1B1-10, 2A1-10 = 2B1-10 H X XXX Z S3 = S4 = L Inputs Inputs/Outputs OE6 OE7 OE8 OE9 OE10 L X XXX 3A1-10 = 3B1-10, 4A1-10 = 4B1-10 H X XXX Z 10-Bit Configuration (S0 = L, S1 = H) Inputs Inputs/Outputs OE1 OE2 OE3 OE4 OE5 1A1-10 = 1B1-10 2A1-10 = 2B1-10 LX X L X 1AX = 1BX 2AX = 2BX LX X H X 1AX = 1BX Z HX X L X Z 2AX = 2BX HX XHX Z Z S3 = L, S4 = H Inputs Inputs/Outputs OE6 OE7 OE8 OE9 OE10 4A1-10 = 4B1-10 3A1-10 = 3B1-10 LX X L X 4AX = 4BX 3AX = 3BX LX X H X 4AX = 4BX Z HX X L X Z 3AX = 3BX HX XHX Z Z |
Número de pieza similar - FSTUD32450G |
|
Descripción similar - FSTUD32450G |