Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM5240 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADUM5240
Descripción Electrónicos  Dual-Channel Isolators with isoPower Integrated DC-to-DC Converter, 50 mW
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM5240 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUM5240_12 Datasheet HTML 3Page - Analog Devices ADUM5240_12 Datasheet HTML 4Page - Analog Devices ADUM5240_12 Datasheet HTML 5Page - Analog Devices ADUM5240_12 Datasheet HTML 6Page - Analog Devices ADUM5240_12 Datasheet HTML 7Page - Analog Devices ADUM5240_12 Datasheet HTML 8Page - Analog Devices ADUM5240_12 Datasheet HTML 9Page - Analog Devices ADUM5240_12 Datasheet HTML 10Page - Analog Devices ADUM5240_12 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADuM5240/ADuM5241/ADuM5242
Rev. B | Page 7 of 16
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
Storage Temperature Range (T
ST)
−55°C to +150°C
Ambient Operating Temperature Range (T
A)
−40°C to +105°C
Supply Voltages (V
DD, VISO)
1
−0.5 V to +7.0 V
Input Voltage (V
IA, VIB)
1
−0.5 V to
(V
DD or VISO) + 0.5 V
Output Voltage (V
OA, VOB)
1
−0.5 V to
(V
DD or VISO) + 0.5 V
Average Output Current per Pin (I
O)
2
−18 mA to +18 mA
Common-Mode Transients (|CM|)3
−100 kV/µs to
+100 kV/µs
1 All voltages are relative to their respective ground.
2 See Figure 4 for maximum rated current values for various temperatures.
3 Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the Absolute Maximum Ratings may cause
latch-up or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
Table 8. Maximum Continuous Working Voltage1
Parameter
Max
Unit
Constraint
AC Voltage, Bipolar Waveform
425
V peak
50-year minimum lifetime
AC Voltage, Unipolar Waveform
Basic Insulation
566
V peak
Maximum approved working voltage per IEC 60950-1
Reinforced Insulation
560
V peak
Maximum approved working voltage per VDE V 0884-10
DC Voltage
Basic Insulation
566
V peak
Maximum approved working voltage per IEC 60950-1
Reinforced Insulation
560
V peak
Maximum approved working voltage per VDE V 0884-10
1 Refers to continuous voltage magnitude imposed across the isolation barrier. See the Insulation Lifetime section for more details.


Número de pieza similar - ADUM5240_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5240BRZ AD-ADUM5240BRZ Datasheet
142Kb / 10P
   Dual-Channel Isolators with Integrated DC/DC Converter, 50 mW
Rev PrN November 17, 2006
More results

Descripción similar - ADUM5240_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5240 AD-ADUM5240 Datasheet
142Kb / 10P
   Dual-Channel Isolators with Integrated DC/DC Converter, 50 mW
Rev PrN November 17, 2006
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com