Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM6000ARWZ Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADuM6000ARWZ
Descripción Electrónicos  Isolated, 5 kV, DC-to-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM6000ARWZ Datasheet(HTML) 3 Page - Analog Devices

  ADuM6000ARWZ Datasheet HTML 1Page - Analog Devices ADuM6000ARWZ Datasheet HTML 2Page - Analog Devices ADuM6000ARWZ Datasheet HTML 3Page - Analog Devices ADuM6000ARWZ Datasheet HTML 4Page - Analog Devices ADuM6000ARWZ Datasheet HTML 5Page - Analog Devices ADuM6000ARWZ Datasheet HTML 6Page - Analog Devices ADuM6000ARWZ Datasheet HTML 7Page - Analog Devices ADuM6000ARWZ Datasheet HTML 8Page - Analog Devices ADuM6000ARWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADuM6000
Rev. D | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/5 V SECONDARY ISOLATED SUPPLY
4.5 V ≤ VDD1 ≤ 5.5 V, VSEL = VISO; each voltage is relative to its respective ground. Minimum/maximum specifications apply over the entire
recommended operating range, unless otherwise noted. Typical specifications are at TA = 25°C, VDD1 = 5.0 V, VISO = 5.0 V, and VSEL = VISO.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER POWER SUPPLY
Setpoint
VISO
4.7
5.0
5.4
V
IISO = 0 mA
Line Regulation
VISO(LINE)
1
mV/V
IISO = 40 mA, VDD1 = 4.5 V to 5.5 V
Load Regulation
VISO(LOAD)
1
5
%
IISO = 8 mA to 72 mA
Output Ripple
VISO(RIP)
75
mV p-p
20 MHz bandwidth, CBO = 0.1 μF||10 μF,
IISO = 72 mA
Output Noise
VISO(N)
200
mV p-p
CBO = 0.1 μF||10 μF, IISO = 72 mA
Switching Frequency
fOSC
180
MHz
PWM Frequency
fPWM
625
kHz
IDD1 Supply Current, Full VISO Load
IDD1(MAX)
290
mA
Maximum Output Supply Current
IISO(MAX)
80
mA
VISO > 4.5 V
Efficiency at Maximum Output
Supply Current
31
%
IISO = 80 mA
IDD1 Supply Current, No VISO Load
IDD1(Q)
7
16
mA
IISO = 0 mA
Undervoltage Lockout, VDD1 and VISO
Supplies
UVLO
Positive-Going Threshold
VUV+
2.7
V
Negative-Going Threshold
VUV−
2.4
V
Hysteresis
VUVH
0.3
V
ELECTRICAL CHARACTERISTICS—3.3 V PRIMARY INPUT SUPPLY/3.3 V SECONDARY ISOLATED SUPPLY
3.0 V ≤ VDD1 ≤ 3.6 V, VSEL = GNDISO; each voltage is relative to its respective ground. Minimum/maximum specifications apply over the entire
recommended operating range, unless otherwise noted. Typical specifications are at TA = 25°C, VDD1 = 3.3 V, VISO = 3.3 V, and VSEL = GNDISO.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER POWER SUPPLY
Setpoint
VISO
3.0
3.3
3.6
V
IISO = 0 mA
Line Regulation
VISO(LINE)
1
mV/V
IISO = 20 mA, VDD1 = 3.0 V to 3.6 V
Load Regulation
VISO(LOAD)
1
5
%
IISO = 4 mA to 36 mA
Output Ripple
VISO(RIP)
50
mV p-p
20 MHz bandwidth, CBO = 0.1 μF||10 μF,
IISO = 36 mA
Output Noise
VISO(N)
130
mV p-p
CBO = 0.1 μF||10 μF, IISO = 36 mA
Switching Frequency
fOSC
180
MHz
PWM Frequency
fPWM
625
kHz
IDD1 Supply Current, Full VISO Load
IDD1(MAX)
175
mA
Maximum Output Supply Current
IISO(MAX)
40
mA
VISO > 3.0 V
Efficiency at Maximum Output
Supply Current
31
%
IISO = 40 mA
IDD1 Supply Current, No VISO Load
IDD1(Q)
5
13
mA
IISO = 0 mA
Undervoltage Lockout, VDD1 and VISO
Supplies
UVLO
Positive-Going Threshold
VUV+
2.7
V
Negative-Going Threshold
VUV−
2.4
V
Hysteresis
VUVH
0.3
V


Número de pieza similar - ADuM6000ARWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM6000 AD-ADUM6000 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
More results

Descripción similar - ADuM6000ARWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5000W AD-ADUM5000W Datasheet
331Kb / 15P
   2.5 kV, Isolated DC-to-DC Converter
Rev. A
ADUM5000ARWZ-RL AD-ADUM5000ARWZ-RL Datasheet
334Kb / 16P
   2.5 kV, Isolated DC-to-DC Converter
REV. B
ADUM5000 AD-ADUM5000_V01 Datasheet
334Kb / 16P
   2.5 kV, Isolated DC-to-DC Converter
Rev. B
ADUM5000WARWZ AD-ADUM5000WARWZ Datasheet
334Kb / 16P
   2.5 kV, Isolated DC-to-DC Converter
REV. B
ADUM6020 AD-ADUM6020_V01 Datasheet
1Mb / 21P
   Low Emission, 5 kV Isolated DC-to-DC Converters
Rev. C
ADUM6020 AD-ADUM6020 Datasheet
589Kb / 20P
   Low Emission, 5 kV Isolated DC-to-DC Converters
logo
Powerex Power Semicondu...
M57140-01 POWEREX-M57140-01 Datasheet
80Kb / 4P
   Isolated DC-to-DC Converter
logo
Analog Devices
ADUM5000 AD-ADUM5000_08 Datasheet
415Kb / 16P
   Isolated DC-to-DC Converter
REV. 0
logo
Solid States Devices, I...
SDA441-01 SSDI-SDA441-01 Datasheet
109Kb / 2P
   5 kV DC - DC DUAL HIGH VOLTAGE CONVERTER
logo
Analog Devices
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com