Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-1620 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-1620 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED |
1 / 8 page HLMP-1600 T‑13/4 (5 mm),T‑1 (3 mm), 5Volt, 12Volt, Integrated Resistor LED Lamps Data Sheet Figure A. T-1 package. Figure B. T-13/4 package. Package Dimensions HLMP-1600, HLMP-1601, HLMP-1620, HLMP-1621 HLMP-1640, HLMP-1641, HLMP-3600, HLMP-3601 HLMP-3650, HLMP-3651, HLMP-3680, HLMP-3681 Features • Integral current limiting resistor • TTL compatible Requires no external current Limiter with 5 volt/12 volt supply • Cost effective Saves space and resistor cost • Wide viewing angle • Available in all colors Red, High Efficiency Red, Yellow, and High Performance Green in T-1 and T-13/4 packages Description The 5 volt and 12 volt series lamps contain an integral current limiting resistor in series with the LED. This allows the lamp to be driven from a 5 volt/12 volt source without an external current limiter. The red LEDs are made from GaAsP on a GaAs substrate. The High Efficiency Red and Yellow devices use GaAsP on a GaP substrate. The green devices use GaP on a GaP substrate.The diffused lamps provide a wide off-axis viewing angle. The T-13/4 lamps are provided with sturdy leads suitable for wire wrap applications. The T-13/4 lamps may be front panel mounted by using the HLMP-0103 clip and ring. 6.1 (0.240) 5.6 (0.220) 23.0 (0.90) MIN. 0.64 (0.025) SQUARE NOMINAL 2.54 (0.100) NOM. CATHODE 1.27 (0.050) NOM. 0.89 (0.035) 0.64 (0.025) 9.19 (0.362) 8.43 (0.332) 11.56 (0.455) 10.80 (0.425) 1.32 (0.052) 1.02 (0.040) 5.08 (0.200) 4.57 (0.180) 0.65 (0.026) max. 24.1(.95) MIN. 4.70 (.185) 4.19 (.165) 3.43 (.135) 2.92 (.115) 1.52 (.060) 1.02 (.040) 2.79 (.110) 2.29 (.090) 1.14 (.045) 0.51 (.020) (0.022) 0.55 SQ. TYP. (0.016) 0.40 Ø 3.17 (.125) 2.67 (.105) 6.35 (.250) 5.58 (.220) Notes: 1. All dimensions are in mm (inches). 2. An epoxy meniscus may extend about 1 mm (0.040") down the leads. 3. For PCB hole recommendations, see the Precautions section. |
Número de pieza similar - HLMP-1620 |
|
Descripción similar - HLMP-1620 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |