Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-CE37 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-CE37
Descripción Electrónicos  T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CE37 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CE37 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE37 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE37 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE37 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE37 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE37 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE37 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE37 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE37 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Precautions
Lead Forming
• The leads of an LED lamp may be preformed or cut to
length prior to insertion and soldering on PC board.
• If lead forming is required before soldering, care must
be taken to avoid any excessive mechanical stress in-
duced into the LED package. Otherwise, cut the leads
to applicable length after soldering process at room
temperature. The solder joint formed will absorb the
mechanical stress, due to lead cutting, from traveling
to the LED chip die attach and wirebond.
• For better control, it is recommended to use proper
tool to precisely form and cut the leads to applicable
length rather than doing it manually.
Soldering Conditions
• Care must be taken during PCB assembly and soldering
process to prevent damage to LED component.
• The closest manual soldering distance of the soldering
heat source (soldering iron’s tip) to the body is
1.59 mm.Soldering the LED closer than 1.59 mm might
damage the LED.
• Recommended soldering conditions:
ManualSolder
WaveSoldering Dipping
Pre-heatTemperature 105°CMax.
Pre-heatTime
0secMax.
PeakTemperature
50°CMax.
60°CMax.
DwellTime
secMax.
5secMax.
• If necessary, use fixture to hold the LED component
in proper orientation with respect to the PCB during
soldering process.
• At elevated temperature, the LED is more susceptible
to mechanical stress. Therefore, PCB must be allowed
to cool down to room temperature prior to handling,
which includes removal of jigs, fixtures or pallet.
• Special attention must be given to board fabrication,
solder masking, surface plating and lead holes size
and component orientation to assure solderability.
• Recommended PC board plated through hole sizes for
LED component leads:
LEDComponent
PlatedThrough
LeadSize
Diagonal
HoleDiameter
0.457x0.457mm
0.646mm
0.976to1.078mm
(0.018x0.018inch)
(0.05inch)
(0.08to0.04inch)
0.508x0.508mm
0.718mm
1.049to1.150mm
(0.00x0.00inch)
(0.08inch)
(0.041to0.045inch)
Note: Refer to application note AN1027 for more information on soldering LED
components.
• Wave soldering parameter must be set and maintained
according to recommended temperature and dwell
time in the solder wave. Customer is advised to daily
check on the soldering profile to ensure the soldering
profile is always conforming to recommended
soldering condition.
Notes:
1. PCB with different size and design (component density) will have different heat
mass (heat capacity). This might cause a change in temperature experienced by the
board if samewave soldering setting is used. So, it is recommended to recalibrate
the soldering profile again before loading a new type of PCB.
2. Avago Technologies’ high brightness LEDs use a high efficiency LED die with single
wire bond, as shown below. Customer is advised to take extra precaution during
wave soldering to ensure that the maximum wave temperature does not exceed 250°C.
Over-stressing the LED during soldering process might cause premature failure to the
LED due to delamination.
Note:Electrical connection between bottom surface of LED die and the lead frame material
through conductive paste of solder.
Avago Technologies LED Configuration
InGaN Device
• Over sizing of plated through hole can lead to
twisting or improper LED placement during auto
insertion.Under sizing plated through hole can lead to
mechanical stress on the epoxy lens during clinching.
1.59mm
ANODE


Número de pieza similar - HLMP-CE37

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-CE37 HP-HLMP-CE37 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE37 AVAGO-HLMP-CE37 Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CE37-WZ0XX HP-HLMP-CE37-WZ0XX Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE37-WZ0XX AVAGO-HLMP-CE37-WZ0XX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

Descripción similar - HLMP-CE37

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com