Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-CB31-NRG00 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-CB31-NRG00
Descripción Electrónicos  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB31-NRG00 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CB31-NRG00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-NRG00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-NRG00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-NRG00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-NRG00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-NRG00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-NRG00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-NRG00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-NRG00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Device Selection Guide (Continued)
Part Number
Typical
Viewing Angle
2q1/2 (Deg)[1]
Color and Typ.
Dominant Wavelength
λd (nm) [2]
Luminous Intensity,
Iv (mcd) at 20 mA [3,4,5]
Leads with
Stand-Offs
Package
Drawing
Min.
Max.
HLMP-CB30-K00xx
30°
Blue 47
310
-
No
A
HLMP-CB30-M00xx
30°
Blue 47
50
-
No
A
HLMP-CB30-NPCxx
30°
Blue 47
680
1150
No
A
HLMP-CB30-NRGxx
30°
Blue 47
680
1900
No
A
HLMP-CB30-PQCxx
30°
Blue 47
880
1500
No
A
HLMP-CB31-M00xx
30°
Blue 47
50
-
Yes
B
HLMP-CB31-NRGxx
30°
Blue 47
680
1900
Yes
B
HLMP-CB31-PQCxx
30°
Blue 47
880
1500
Yes
B
HLMP-CM30-M00xx
30°
Green 56
50
-
No
A
HLMP-CM30-RSBxx
30°
Green 56
1500
500
No
A
HLMP-CM30-S00xx
30°
Green 56
1900
-
No
A
HLMP-CM30-TUCxx
30°
Green 56
500
400
No
A
HLMP-CM30-TW0xx
30°
Green 56
500
700
No
A
HLMP-CM30-TWAxx
30°
Green 56
500
700
No
A
HLMP-CM30-UVAxx
30°
Green 56
300
5500
No
A
HLMP-CM30-UVCxx
30°
Green 56
300
5500
No
A
HLMP-CM31-M00xx
30°
Green 56
50
-
Yes
B
HLMP-CM31-S00xx
30°
Green 56
1900
-
Yes
B
HLMP-CM31-S0Dxx
30°
Green 56
1900
-
Yes
B
HLMP-CM31-TUCxx
30°
Green 56
500
400
Yes
B
HLMP-CM31-TW0xx
30°
Green 56
500
700
Yes
B
HLMP-CM31-TWAxx
30°
Green 56
500
700
Yes
B
HLMP-CM31-UVCxx
30°
Green 56
300
5500
Yes
B
HLMP-CM31-VWCxx
30°
Green 56
400
700
Yes
B
HLMP-CE30-RSCxx
30°
Cyan 505
1500
500
No
A
HLMP-CE30-RUCxx
30°
Cyan 505
1500
400
No
A
HLMP-CE30-STQxx
30°
Cyan 505
1900
300
No
A
HLMP-CE30-SVCxx
30°
Cyan 505
1900
5500
No
A
HLMP-CE30-SVQxx
30°
Cyan 505
1900
5500
No
A
HLMP-CE31-SVCxx
30°
Cyan 505
1900
5500
Yes
B
HLMP-CE31-SVQxx
30°
Cyan 505
1900
5500
Yes
B
Notes:
1. q1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
2. Dominant Wavelength, λd, is derived from the CIE Chromaticity. Diagram and represents the color of the lamp.
3. The luminous intensity is measured on the mechanical axis of the lamp package.
4. The optical axis is closely aligned with the package mechanical axis.
5. Tolerance for each intensity bin limit is ±15%.


Número de pieza similar - HLMP-CB31-NRG00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB31-NRGXX AVAGO-HLMP-CB31-NRGXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Descripción similar - HLMP-CB31-NRG00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com