Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-CE16-UXQDD Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-CE16-UXQDD
Descripción Electrónicos  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CE16-UXQDD Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CE16-UXQDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-UXQDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-UXQDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-UXQDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-UXQDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-UXQDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-UXQDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-UXQDD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-UXQDD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Note: The ammo-packs drawing is applicable for packaging option –DD & -ZZ and regardless standoff or non-standoff
Ammo Packs Drawing
Recommended Wave Soldering Profile
BOTTOM SIDE
TOP SIDE
NOTE: ALLOW FOR BOARDS TO BE
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
250
200
150
FLUXING
TURBULENT WAVE
PREHEAT
TIME - SECONDS
100
50
30
0
10
20
30
40
50
60
70
80
90
100
LAMINAR WAVE
HOT AIR KNIFE
LEAD FREE SOLDER
96.5%Sn; 3.0%Ag; 0.5% Cu
SUFFICIENTLY COOLED BEFORE
EXERTING MECHANICAL FORCE.
OF PC BOARD
OF PC BOARD
PREHEAT SETTING = 150
°C (100°C PCB)
SOLDER WAVE TEMPERATURE = 245
°C ± 5˚C
AIR KNIFE AIR TEMPERATURE = 390
°C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
SOLDER: SN63; FLUX: RMA
AIR KNIFE ANGLE = 40
A
A
12.70±1.00
0.50±0.0394
20.50±1.00
0.807±0.039
18.00±0.50
0.7087±0.0197
9.125±0.625
0.3593±0.0246
12.70±0.30
0.50±0.0118
0.70±0.20
0.0276±0.0079
6.35±1.30
0.25±0.0512
4.00±0.20TYP.
0.1575±0.008
CATHODE
VIEW A-A


Número de pieza similar - HLMP-CE16-UXQDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE16-UXQXX AVAGO-HLMP-CE16-UXQXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Descripción similar - HLMP-CE16-UXQDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com