Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-788J-500E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-788J-500E
Descripción Electrónicos  Isolation Amplifier with Short Circuit and Overload Detection SO-16 Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-788J-500E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-788J-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Figure 2. Dependence of safety-limiting values on
temperature.
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics*
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 300 V
rms
for rated mains voltage ≤ 600 V
rms
for rated mains voltage ≤ 1000 V
rms
I-IV
I-IV
I-III
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
V
IORM
1230
V
PEAK
Input to Output Test Voltage, Method b**
V
IORM
x 1.875 = V
PR
, 100% Production Test with
tm = 1 sec, Partial discharge < 5 pC
V
PR
2306
V
PEAK
Input to Output Test Voltage, Method a**
V
IORM
x 1.6 = V
PR
, Type and Sample Test, t
m
= 10 sec,
Partial discharge < 5 pC
V
PR
1968
V
PEAK
Highest Allowable Overvoltage (Transient Overvoltage t
ini
= 60 sec)
V
IOTM
8000
V
PEAK
Safety-limiting values — maximum values allowed in the
event of a failure, also see Figure 2.
Case Temperature
Input Power
Output Power
T
S
P
S1, INPUT
P
S1, OUTPUT
175
400
600
°C
mW
mW
Insulation Resistance at T
SI
, V
IO
= 500 V
R
S
>109
Ω
0
0
TS – CASE TEMPERATURE – °C
200
25
800
50
75 100
200
150 175
Psi – OUTPUT
Psi – INPUT
125
400
600
*
Isolation characteristics are guaranteed only within the safety maximum ratings which must
be ensured by protective circuits within the application. Surface Mount Classification is class
A in accordance with CECC00802.
** Refer to the optocoupler section of the isolation and Control Components Designer’s
Catalog, under Product Safety Regulations section IEC/EN/DIN EN 6747-5-2, for a detailed
description of Method a and Method b partial discharge test profiles.


Número de pieza similar - HCPL-788J-500E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-500E AVAGO-HCPL-788J-500E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
More results

Descripción similar - HCPL-788J-500E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL788J HP-HCPL788J Datasheet
258Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-000E AVAGO-HCPL-788J-000E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
ACPL-785J AVAGO-ACPL-785J Datasheet
609Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
HCPL-788J-500E AVAGO-HCPL-788J-500E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
Artesyn Technologies
DCH5 ARTESYN-DCH5 Datasheet
1Mb / 4P
   Overload and short circuit protection
logo
Laird Tech Smart Techno...
POE-55IG-ATI LSTD-POE-55IG-ATI Datasheet
443Kb / 2P
   Overload and short-circuit protection
POE-XXS-AFI LSTD-POE-XXS-AFI Datasheet
313Kb / 2P
   Overload and short circuit protection
POE-XXI LSTD-POE-XXI Datasheet
738Kb / 2P
   Overload and short circuit protection
POE-55I4SG-AFI LSTD-POE-55I4SG-AFI Datasheet
789Kb / 2P
   Overload and short circuit protection
logo
PHOENIX CONTACT
2980539 PHOENIX-2980539 Datasheet
98Kb / 7P
   Short-circuit, surge, and overload-proof output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com