Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD5N60NZTM Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FDD5N60NZTM
Descripción Electrónicos  N-Channel UniFET II MOSFET 600 V, 4.0 A, 2 Ohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N60NZTM Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDD5N60NZTM Datasheet HTML 1Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 2Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 3Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 4Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 5Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 6Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 7Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©2011 Fairchild Semiconductor Corporation
FDD5N60NZ Rev. C0
www.fairchildsemi.com
7
Mechanical Dimensions
D-PAK
Dimensions in Millimeters


Número de pieza similar - FDD5N60NZTM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDD5N50 FAIRCHILD-FDD5N50 Datasheet
503Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.4廓
logo
Inchange Semiconductor ...
FDD5N50 ISC-FDD5N50 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
logo
Inchange Semiconductor ...
FDD5N50F ISC-FDD5N50F Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FDD5N60NZTM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDP12N50NZ FAIRCHILD-FDP12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFET II MOSFET?
FDPF8N50NZT FAIRCHILD-FDPF8N50NZT Datasheet
379Kb / 10P
   N-Channel UniFET II MOSFET
logo
Kersemi Electronic Co.,...
KSM12N60NZ KERSEMI-KSM12N60NZ Datasheet
2Mb / 7P
   N-Channel UniFET ll MOSFET 600 V, 12 A, 650m
KSM7N60NZ KERSEMI-KSM7N60NZ Datasheet
2Mb / 8P
   N-Channel UniFET ll MOSFET 600 V, 6.5 A, 1.25
logo
ON Semiconductor
FDT4N50NZU ONSEMI-FDT4N50NZU Datasheet
213Kb / 10P
   MOSFET - Power, N-Channel, UniFET II, Ultra FRFET 500 V, 2 A, 3
February, 2021 ??Rev. 1
NDF02N60Z ONSEMI-NDF02N60Z Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
FCPF600N60ZL1-F154 ONSEMI-FCPF600N60ZL1-F154 Datasheet
294Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 7.4 A, 600 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FDD7N25LZTM FAIRCHILD-FDD7N25LZTM Datasheet
329Kb / 8P
   N-Channel UniFET MOSFET
FDPF14N30T FAIRCHILD-FDPF14N30T Datasheet
393Kb / 8P
   N-Channel UniFET MOSFET 300 V, 14 A, 290 m
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com