Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-540K Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-540K
Descripción Electrónicos  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-540K Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-540K Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Absolute Maximum Ratings
No derating required up to +125° C.
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-65
+150
°C
Operating Temperature
TA
-55
+125
°C
Case Temperature
TC
+170
°C
Junction Temperature
TJ
+175
°C
Lead Solder Temperature
260 for 10 sec
°C
Average Forward Current (each channel)
IF(AVG)
10
mA
Peak Input Current (each channel)
IF(PEAK)
20
mA
1
Reverse Input Voltage (each channel)
VR
3V
Supply Voltage
VCC
0.0
7.0
V
Average Output Current (each channel)
IO(AVG)
-25
25
mA
Output Voltage (each channel)
VO
-0.5
10
V
Output Power Dissipation (each channel)
PO
130
mW
Package Power Dissipation (each channel)
PD
200
mW
Note: Enable pin 7. An external 0.01
F to 0.1 μF bypass capacitor
must be connected between VCC and ground for each package type.
ESD Classification
(MIL-STD-883, Method 3015)
HCPL-5400/01/0K
(
), Class 2
HCPL-5430/31/3K and HCPL-6430/31/3K
(Dot), Class 3
8 Pin Ceramic DIP Single Channel Schematic
2
+
VF
VCC
8
VE
7
VO
6
GND
5
ICC
IE
IF
ANODE
CATHODE
3
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current (High)
IF(ON)
610
mA
Supply Voltage, Output
VCC
4.75
5.25
V
Input Voltage (Low)
VF(OFF)
0.7
V
Fan Out (Each Channel)
N
5
TTL Loads
Single Channel Product Only
Three State Enable Voltage
VE
-0.5
10
V
Single Channel Product Only
High Level Enable Voltage
VEH
2.0
VCC
V
Low Level Enable Voltage
VEL
0
0.8
V


Número de pieza similar - HCPL-540K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-540K HP-HCPL-540K Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results

Descripción similar - HCPL-540K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com