Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DLW5BSN351SQ2 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BSN351SQ2 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 40 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 152 Part Numbering (Part Number) DLp t N y 371 q DL u S r S e 21 2 o!0 L w W i Q Chip Common Mode Choke Coil eDimensions (LgW) Code 0.85g0.65mm 1.25g1.0mm 1.5g0.65mm 2.0g1.2mm 3.2g1.6mm 2.0g1.0mm 2.5g2.0mm 5.0g3.6mm 5.0g5.0mm Dimensions (LgW) 03025 0504 05025 0805 1206 0804 1008 2014 2020 EIA 0N 11 1N 21 31 2A 2H 5A 5B qProduct ID DL Chip Common Mode Choke Coils Product ID wStructure W M P Wire Wound Type Multilayer Type Film Type Code Structure tCategory A B N R Expressed by a letter. Code Category C S D H G T Magnetically Shielded One Circuit Type Magnetically Shielded Two Circuit Type Open Magnetic One Circuit Type Magnetically Monolithic Type (sectional winding) Magnetically Shielded One Circuit Low Profile Type Code Type !0Packaging K L B DLW5AH/DLW5BS/DLW5BT All Series All Series Embossed Taping (ø330mm Reel) Embossed Taping (ø180mm Reel) Bulk Code Packaging Series 2 3 4 Two Lines Three Lines Four Lines Code Number of Signal Lines D L Q Z Expressed by a letter. Expressed by a letter. Code Features iFeatures (2) rFeatures (1) yImpedance Typical impedance at 100MHz is expressed by three figures. The unit is in ohm ( Ω). The first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two figures. uCircuit S M H U Code Circuit oNumber of Signal Lines |
Número de pieza similar - DLW5BSN351SQ2 |
|
Descripción similar - DLW5BSN351SQ2 |