Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DLW5BSN102SQ2 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BSN102SQ2 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd. |
9 / 40 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 156 5A max, common mode choke coil for power lines. DLW5AH/DLW5BSSeries (2014/2020 Size) DLW Series Universal Type [Power Lines/Signal Lines] Chip Common Mode Choke Coil s Dimensions s Equivalent Circuit s Packaging s Dimensions s Equivalent Circuit s Packaging s Impedance-Frequency Characteristics (Main Items) s Rated Value (p: packaging code) s Derating of Rated Current DLW5AH DLW5BS DLW5BSN191 Refer to pages from p.176 to p.179 for mounting information. DLW5AH/DLW5BS Code Packaging Minimum Quantity L 180mm Reel Embossed Tape 400 K 330mm Reel Embossed Tape 1500 B Bulk(Bag) 100 Code Packaging Minimum Quantity L 180mm Reel Embossed Tape 400 K 330mm Reel Embossed Tape 1500 B Bulk(Bag) 100 DLW5BSN152SQ2p 1500ohm(Typ.) 1000mA 50Vdc 10M ohm 125Vdc 0.1ohm max. DLW5BSN302SQ2p 3000ohm(Typ.) 500mA 50Vdc 10M ohm 125Vdc 0.3ohm max. Operating Temperature Range: -25 °C to +85°C (DLW5AH), -40°C to +85°C (DLW5BS) Number of Circuit: 1 Part Number Common Mode Impedance (at 100MHz/20 °C) Rated Current Rated Voltage Insulation Resistance (min.) Withstand Voltage DC Resistance DLW5AHN402SQ2p 4000ohm(Typ.) 200mA 50Vdc 10M ohm 125Vdc 3.0ohm max. DLW5BSN191SQ2p 190ohm(Typ.) 5000mA 50Vdc 10M ohm 125Vdc 0.02ohm max. DLW5BSN351SQ2p 350ohm(Typ.) 2000mA 50Vdc 10M ohm 125Vdc 0.04ohm max. DLW5BSN102SQ2p 1000ohm(Typ.) 1500mA 50Vdc 10M ohm 125Vdc 0.06ohm max. (L) 5.0 ±0.3 (W) 3.6 ±0.3 0.5 min. (2) (1) (4) (3) 1.3 ±0.3 1.3 ±0.3 0.9 ±0.3 Starting position of wiring should be covered with resin. * * * (in mm) : Electrode (L) 5.0 ±0.3 3.6 ±0.3 (W) 5.0 ±0.3 0.5 min. (2) (1) (4) (3) 1.3 ±0.3 0.9 ±0.3 * The marking to indicate the product direction can be applicable. (Optional) (in mm) : Electrode Polarity Marking Frequency (MHz) 100000 10000 1000 100 10 1 10 100 1000 DLW5AHN402SQ2 DLW5BSN302SQ2 DLW5BSN152SQ2 DLW5BSN102SQ2 DLW5BSN351SQ2 DLW5BSN191SQ2 Common mode DLW5AHN402SQ2 DLW5BSN302SQ2 DLW5BSN152SQ2 DLW5BSN102SQ2 DLW5BSN351SQ2 DLW5BSN191SQ2 Differential mode 4.5 4.75 5 0 1020304050607080 75 °C85°C 90 100 Operating Temperature ( °C) DLW5BSN191SQ2 Temperature Derating (1) (4) (2) (3) No polarity. (1) (4) (2) (3) No polarity. |
Número de pieza similar - DLW5BSN102SQ2 |
|
Descripción similar - DLW5BSN102SQ2 |