Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DAC7545LU Datasheet(PDF) 6 Page - Texas Instruments |
|
DAC7545LU Datasheet(HTML) 6 Page - Texas Instruments |
6 / 12 page DAC7545 6 SBAS150A www.ti.com FIGURE 5. 8-Bit Processor Interface. DAC7545 CS DB 0 DB 7 WR DB 8 DB 11 Latch CS WR 44 8 Q 1 (2) 8-Bit Data Bus Q 0 (1) Address Bus Address Decode CPU WR DB 7 DB 0 A 15 A 0 NOTES: (1) Q 0 = decoded address for DAC. (2) Q 1 = decoded address for latch. FIGURE 4. Digitally Controlled Gain Block. R FB DAC7545 AGND DGND OUT 1 DB 0-DB11 V IN WR V OUT CS 16 +5V NOTE: There must be at least 1LSB loaded in the DAC or the amp will saturate due to the lack of feedback. OPA111 17 18 19 V OUT = –V IN DB 11 + 2 DB 10 + 4 DB 9 + ••• + 8 DB 0 4096 20 DIGITALLY-CONTROLLED GAIN BLOCK Figure 4 shows a circuit for a digitally-controlled gain block. The feedback for the op amp is made up of the FET switch and the R-2R ladder. The input resistor to the gain block is the RFB of the DAC7545. As the FET switch is in the feedback loop, a zero code into the DAC will result in the op amp having no feedback, and a saturated op amp output. APPLICATION HINTS CMOS DACs, such as the DAC7545, exhibit a code-depen- dent out resistance. The effect of this is a code-dependent differential nonlinearity at the amplifier output that depends on the offset voltage, VOS, of the amplifier. Thus linearity depends upon the potential of OUT 1 and AGND being exactly equal to each other. Usually the DAC is connected to an external op amp with the noninverting input connected to AGND. The op amp selected should have a low input bias current and low VOS and VOS drift over temperature. The op amp offset voltage should be less than (25 • 10–6)(VREF) over operating conditions. Suitable op amps are the OPA37 and the OPA627 for fixed reference applications and low-bandwidth requirement; the OPA37 has low VOS and does not require an offset trim. For wide bandwidth, high slew rate, or fast-settling applications, the OPA604 or 1/2 OPA2604 are recommended. Unused digital inputs must be connected to VDD or to DGND, this prevents noise from triggering the high impedance digital input. It is suggested that the unused digital inputs also be given a path to ground or VDD through a 1mW resistor to prevent the accumulation of static charge if the PC card is unplugged from the system. In addition, in systems where the AGND to DGND connection is on a backplane, it is recommended that two diodes be connected in inverse parallel between AGND and DGND. INTERFACING TO MICROPROCESSORS The DAC7545 can be directly interfaced to either an 8- or 16- bit microprocessor through its 12-bit wide data latch using the CS and WR controls. An 8-bit processor interface is shown in Figure 5. It uses two memory addresses: one for the lower 8 bits and one for the upper 4 bits of data into the DAC via the latch. |
Número de pieza similar - DAC7545LU |
|
Descripción similar - DAC7545LU |