Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DLW5BTN101SQ2 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BTN101SQ2 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd. |
8 / 40 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 155 Part Number Type Size Code (Inch) Rated Current Common Mode Impedance (at 100MHz/20 °C) Thickness (mm) 4.3 4.5 4.5 4.5 4.5 4.5 2.5 2.5 2.5 2.5 2.5 2020 2014 Wire Wound Type for Power Lines and Signal Lines DLW5BSN302SQ2 3000ohm(Typ.) 500mA DLW5AHN402SQ2 4000ohm(Typ.) 200mA DLW5BSN191SQ2 190ohm(Typ.) 5000mA DLW5BSN351SQ2 350ohm(Typ.) 2000mA DLW5BSN102SQ2 1000ohm(Typ.) 1500mA DLW5BSN152SQ2 1500ohm(Typ.) 1000mA DLW5BTN101SQ2 100ohm(Typ.) 6000mA DLW5BTN251SQ2 250ohm(Typ.) 5000mA DLW5BTN501SQ2 500ohm(Typ.) 4000mA DLW5BTN102SQ2 1000ohm(Typ.) 2000mA DLW5BTN142SQ2 1400ohm(Typ.) 1500mA p156 p156 p157 Part Number Type Size Rated Current Common Mode Impedance (at 10MHz/20 °C) PLT10HH401100PN PLT10HH501100PN PLT10HH9016R0PN PLT10HH1026R0PN 400ohm 12.9x6.6 (mm) Thickness (mm) 9.4 9.4 9.4 9.4 Large Current Common Mode Choke Coil for Automotive Available 10A 500ohm 10A 900ohm 6A 1000ohm 6A p173 DLp Chip Common Mode Choke Coil Series Line Up Large Current Common Mode Choke Coil for Automotive Available Series Line Up PLp |
Número de pieza similar - DLW5BTN101SQ2 |
|
Descripción similar - DLW5BTN101SQ2 |