Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DLW5BTN251SQ2 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BTN251SQ2 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd. |
3 / 40 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 150 DLp Series Introduction Common Mode Current Differential Mode Current Magnetic flux by common mode current is added each other and works as an inductor DLP11SA DLW21SN_HQ2 DLP0NS DLP11SN DLP2AD DLW21SN_SQ2 DLW31S DLW21H DLP31S DLP31D DLW5AH DLW5BS DLW5BT DLM11G DLM2HG High cut-off frequency High Coupling (For high speed differential signal lines) Ultra high cut-off frequency for high speed differential signal lines High cut-off frequency for high speed differential signal lines for general differential signal lines Film type Film type Film type Wound type Wound type Wound type Multilayer type Large current High coupling (For power lines) Relative high differential mode impedance Low coupling (For audio lines) · Low profile, small size, suitable for mobile equipments. · Tight terminal pitch enables high density layout. · Ultra high cut-off frequency and its matching to line impedance enables good transmission of high speed signal. · Ultra high self resonance frequency enables high cut-off frequency. · Its matching to line impedance enables good transmission of high speed signal. · Low profile, small size, suitable for mobile equipments. · Tight terminal pitch enables high density layout. · High cut-off frequency enables good transmission of high speed signal. · Ultra high self resonance frequency enables high cut-off frequency. · DLW21H is designed as low profile. · Low profile,small size, suitable for mobile equipments. · Tight terminal pitch enables high density layout. · Large current (6A max.), suitable for input connector from an AC adaptor. · DLW5BT is designed as low profile. · Modified its differential mode impedance higher than other common mode choke coils, this feature makes possible to suppress both common mode and differential mode noise. · DLM11GN601SD2 is ideal to keep low distortion audio signal. · DLM2HG can meet stereo 3 lines which contain a ground line. Category Features, Classification Structure Part Number Comments PLT10HH Winding type Cased structure Large current Automotive Available (For power lines) · Large current, high reliability, suitable for mortors in automobile. Magnetic flux by differential mode current is canceled each other and do not works as an inductor Available up to 10A |
Número de pieza similar - DLW5BTN251SQ2 |
|
Descripción similar - DLW5BTN251SQ2 |