Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLW5BSN191SQ2L Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

No. de pieza DLW5BSN191SQ2L
Descripción Electrónicos  SMD/BLOCK Type EMI Suppression Filters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW5BSN191SQ2L Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button DLW5BSN191SQ2L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DLW5BSN191SQ2L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DLW5BSN191SQ2L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DLW5BSN191SQ2L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DLW5BSN191SQ2L Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DLW5BSN191SQ2L Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DLW5BSN191SQ2L Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DLW5BSN191SQ2L Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DLW5BSN191SQ2L Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
155
Part Number
Type
Size Code
(Inch)
Rated Current
Common Mode Impedance
(at 100MHz/20
°C)
Thickness
(mm)
4.3
4.5
4.5
4.5
4.5
4.5
2.5
2.5
2.5
2.5
2.5
2020
2014
Wire Wound Type
for Power Lines
and Signal Lines
DLW5BSN302SQ2
3000ohm(Typ.)
500mA
DLW5AHN402SQ2
4000ohm(Typ.)
200mA
DLW5BSN191SQ2
190ohm(Typ.)
5000mA
DLW5BSN351SQ2
350ohm(Typ.)
2000mA
DLW5BSN102SQ2
1000ohm(Typ.)
1500mA
DLW5BSN152SQ2
1500ohm(Typ.)
1000mA
DLW5BTN101SQ2
100ohm(Typ.)
6000mA
DLW5BTN251SQ2
250ohm(Typ.)
5000mA
DLW5BTN501SQ2
500ohm(Typ.)
4000mA
DLW5BTN102SQ2
1000ohm(Typ.)
2000mA
DLW5BTN142SQ2
1400ohm(Typ.)
1500mA
p156
p156
p157
Part Number
Type
Size
Rated Current
Common Mode Impedance
(at 10MHz/20
°C)
PLT10HH401100PN
PLT10HH501100PN
PLT10HH9016R0PN
PLT10HH1026R0PN
400ohm
12.9x6.6
(mm)
Thickness
(mm)
9.4
9.4
9.4
9.4
Large Current
Common Mode Choke Coil
for Automotive Available
10A
500ohm
10A
900ohm
6A
1000ohm
6A
p173
DLp Chip Common Mode Choke Coil Series Line Up
Large Current Common Mode Choke Coil for Automotive Available
Series Line Up
PLp


Número de pieza similar - DLW5BSN191SQ2L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
DLW5BSN191SQ2L MURATA-DLW5BSN191SQ2L Datasheet
73Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current
More results

Descripción similar - DLW5BSN191SQ2L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com