Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4864MM Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM4864MM
Descripción Electrónicos  725mW Audio Power Amplifier with Shutdown Mode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM4864MM Datasheet(HTML) 4 Page - Texas Instruments

  LM4864MM Datasheet HTML 1Page - Texas Instruments LM4864MM Datasheet HTML 2Page - Texas Instruments LM4864MM Datasheet HTML 3Page - Texas Instruments LM4864MM Datasheet HTML 4Page - Texas Instruments LM4864MM Datasheet HTML 5Page - Texas Instruments LM4864MM Datasheet HTML 6Page - Texas Instruments LM4864MM Datasheet HTML 7Page - Texas Instruments LM4864MM Datasheet HTML 8Page - Texas Instruments LM4864MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM4864
SNAS109F – SEPTEMBER 1999 – REVISED MAY 2013
www.ti.com
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage
2.7V
≤ VDD ≤ 5.5V
Electrical Characteristics VDD = 5V
(1) (2)
The following specifications apply for VDD = 5V, for all available packages, unless otherwise specified. Limits apply for TA =
25°C
LM4864
Units
Symbol
Parameter
Conditions
(Limits)
Typical (3)
Limit (4)(5)
IDD
Quiescent Power Supply Current
VIN = 0V, IO = 0A
(6)
3.6
6.0
mA (max)
ISD
Shutdown Current
VPIN1 = VDD
0.7
5
μA (max)
VOS
Output Offset Voltage
VIN = 0V
5
50
mV (max)
PO
Output Power
THD = 1% (max); f = 1 kHz; RL = 4Ω;
625
mW (min)
LM4864LD (7)
THD = 1% (max); f = 1 kHz; RL = 8Ω;
725
mW (min)
LM4864LD (7)
THD = 1% (max); f = 1 kHz; RL = 8Ω;
300
mW (min)
LM4864MM (8)
THD = 1% (max); f = 1 kHz; RL = 8Ω;
675
300
mW (min)
LM4864M and LM4864N*
THD+N = 1%; f = 1 kHz; RL = 16Ω;
550
mW
THD+N
Total Harmonic Distortion+Noise
PO = 300 mWrms; AVD = 2; RL = 8Ω;
0.7
%
20 Hz
≤ f ≤ 20 kHz, BW < 80kHz
PSRR
Power Supply Rejection Ratio
VDD = 4.9V–5.1V
50
dB
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not specified for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
(7)
The NGY0010A package has its exposed-DAP soldered to an exposed 1.2in2 area of 1oz printed circuit board copper.
(8)
The DGK0008BA package is thermally limited to 595 mW of power dissipation at room temperature. Referring to Figure 21 in Typical
Performance Characteristics, the power dissipation limitation for the package occurs at 300 mW of output power. This package limitation
is based on 25°C ambient temperature and
θJA = 210°C. For higher output power possibilities refer to POWER DISSIPATION.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM4864


Número de pieza similar - LM4864MM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4864MM NSC-LM4864MM Datasheet
342Kb / 10P
   300 mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4864MM TI-LM4864MM Datasheet
1Mb / 27P
[Old version datasheet]   LM4864 725mW Audio Power Amplifier with Shutdown Mode
LM4864MM/NOPB TI-LM4864MM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM4864 725mW Audio Power Amplifier with Shutdown Mode
LM4864MMX/NOPB TI-LM4864MMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM4864 725mW Audio Power Amplifier with Shutdown Mode
More results

Descripción similar - LM4864MM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM4864 TI-LM4864 Datasheet
1Mb / 27P
[Old version datasheet]   LM4864 725mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4991 NSC-LM4991 Datasheet
543Kb / 15P
   3W Audio Power Amplifier with Shutdown Mode
LM4818 NSC-LM4818 Datasheet
431Kb / 16P
   350mW Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com