Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DLW5BTN501SQ2K Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BTN501SQ2K Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd. |
7 / 40 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 154 Part Number Type Size Code (Inch) Rated Current Common Mode Impedance (at 100MHz/20 °C) DLM11GN601SD2 0504 Thickness (mm) 0.5 1.2 0.45 0.45 0.45 0.45 0.82 0.82 0.82 0.82 0.82 0.82 0.82 0.82 0.82 0.82 0.82 1.15 1.15 1.15 0.82 0.82 0.82 0.82 0.82 0.82 0.82 0.82 0.82 0.82 1.15 1.15 1.15 1.15 1.15 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 0.9 0.9 0.9 0.9 1.9 1.9 1.9 1.9 1.9 1.9 1008 03025 0504 1206 0804 1206 0805 1206 Multilayer Type for Audio Lines Film Type for Differential Signal Lines Film Array Type for Differential Signal Lines Wire Wound Type for Differential Signal Lines 600ohm ±25% 100mA DLM2HGN601SZ3 600ohm ±25% 100mA DLP0NSN670HL2 DLP0NSC280HL2 DLP0NSA150HL2 67ohm ±20% 110mA 28ohm ±20% 100mA 0.45 15ohm ±5ohm 100mA DLP0NSN900HL2 90ohm ±20% 100mA DLP0NSN121HL2 120ohm ±20% 90mA DLP11SA350HL2 35ohm ±20% 170mA DLP11SA670HL2 67ohm ±20% 150mA DLP11SN670SL2 67ohm ±20% 180mA DLP11SA900HL2 DLP11TB800UL2 90ohm ±20% 150mA 0.3 80ohm ±25% 100mA DLP11SN900HL2 90ohm ±20% 150mA DLP11SN121SL2 120ohm ±20% 140mA DLP11SN161SL2 160ohm ±20% 120mA DLP11SN201HL2 200ohm ±20% 110mA DLP11SN241HL2 240ohm ±20% 100mA DLP11SN281HL2 280ohm ±20% 90mA DLP11SN331HL2 330ohm ±20% 80mA DLP31SN121ML2 120ohm ±20% 100mA DLP31SN221ML2 220ohm ±20% 100mA DLP31SN551ML2 550ohm ±20% 100mA DLP2ADN670HL4 DLP2ADA900HL4 DLP2ADA670HL4 DLP2ADA350HL4 DLP1NDN350HL4 DLP1NDN670HL4 DLP1NDN900HL4 67ohm ±20% 140mA 90ohm ±20% 120mA 67ohm ±20% 130mA 35ohm ±20% 150mA 0.45 35ohm ±20% 100mA 0.45 67ohm ±20% 80mA 0.45 90ohm ±20% 60mA DLP2ADN900HL4 90ohm ±20% 130mA DLP2ADN121HL4 120ohm ±20% 120mA DLP2ADN161HL4 160ohm ±20% 100mA DLP2ADN201HL4 200ohm ±20% 90mA DLP2ADN241HL4 240ohm ±20% 80mA DLP2ADN281HL4 280ohm ±20% 80mA DLP31DN900ML4 90ohm ±20% 160mA DLP31DN131ML4 130ohm ±20% 120mA DLP31DN201ML4 200ohm ±20% 100mA DLP31DN321ML4 320ohm ±20% 80mA DLP31DN441ML4 440ohm ±20% 70mA DLW21SN670SQ2 67ohm ±25% 400mA DLW21SN900SQ2 90ohm ±25% 330mA DLW21SN121SQ2 120ohm ±25% 370mA DLW21SN181SQ2 180ohm ±25% 330mA DLW21SN261SQ2 260ohm ±25% 300mA DLW21SN371SQ2 370ohm ±25% 280mA DLW21SN670HQ2 67ohm ±25% 320mA DLW21SN900HQ2 90ohm ±25% 280mA DLW21SN121HQ2 120ohm ±25% 280mA DLW21SR670HQ2 67ohm ±25% 400mA DLW21HN670SQ2 67ohm ±25% 330mA DLW21HN900SQ2 90ohm ±25% 330mA DLW21HN121SQ2 120ohm ±25% 280mA DLW21HN181SQ2 180ohm ±25% 250mA DLW31SN900SQ2 90ohm ±25% 370mA DLW31SN161SQ2 160ohm ±25% 340mA DLW31SN261SQ2 260ohm ±25% 310mA DLW31SN601SQ2 600ohm ±25% 260mA DLW31SN102SQ2 1000ohm ±25% 230mA DLW31SN222SQ2 2200ohm ±25% 200mA p158 p159 p160 p162 p163 p164 05025 p165 p166 p168 p169 p171 p172 Continued on the following page. Chip Common Mode Choke Coil Series Line Up DLp |
Número de pieza similar - DLW5BTN501SQ2K |
|
Descripción similar - DLW5BTN501SQ2K |