Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HGTG20N60A4D Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza HGTG20N60A4D
Descripción Electrónicos  600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTG20N60A4D Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HGTG20N60A4D Datasheet HTML 1Page - Fairchild Semiconductor HGTG20N60A4D Datasheet HTML 2Page - Fairchild Semiconductor HGTG20N60A4D Datasheet HTML 3Page - Fairchild Semiconductor HGTG20N60A4D Datasheet HTML 4Page - Fairchild Semiconductor HGTG20N60A4D Datasheet HTML 5Page - Fairchild Semiconductor HGTG20N60A4D Datasheet HTML 6Page - Fairchild Semiconductor HGTG20N60A4D Datasheet HTML 7Page - Fairchild Semiconductor HGTG20N60A4D Datasheet HTML 8Page - Fairchild Semiconductor HGTG20N60A4D Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
HGTG20N60A4D, HGT4E20N60A4DS Rev. C
Diode Forward Voltage
VEC
IEC = 20A
-
2.3
-
V
Diode Reverse Recovery Time
trr
IEC = 20A, dIEC/dt = 200A/µs-
35
-
ns
IEC = 1A, dIEC/dt = 200A/µs-
26
-
ns
Thermal Resistance Junction To Case
RθJC
IGBT
-
-
0.43
oC/W
Diode
-
-
1.9
oC/W
NOTE:
2. Turn-Off Energy Loss (EOFF) is defined as the integral of the instantaneous power loss starting at the trailing edge of the input pulse and ending
at the point where the collector current equals zero (ICE = 0A). All devices were tested per JEDEC Standard No. 24-1 Method for Measurement
of Power Device Turn-Off Switching Loss. This test method produces the true total Turn-Off Energy Loss.
3. Values for two Turn-On loss conditions are shown for the convenience of the circuit designer. EON1 is the turn-on loss of the IGBT only. EON2
is the turn-on loss when a typical diode is used in the test circuit and the diode is at the same TJ as the IGBT. The diode type is specified in
Figure 20.
Electrical Specifications
TJ = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. DC COLLECTOR CURRENT vs CASE
TEMPERATURE
FIGURE 2. MINIMUM SWITCHING SAFE OPERATING AREA
FIGURE 3. OPERATING FREQUENCY vs COLLECTOR TO
EMITTER CURRENT
FIGURE 4. SHORT CIRCUIT WITHSTAND TIME
TC, CASE TEMPERATURE (
oC)
50
20
0
80
40
60
25
75
100
125
150
100
VGE = 15V
PACKAGE LIMIT
DIE CAPABILITY
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
700
60
0
20
300
400
200
100
500
600
0
80
100
40
120
TJ = 150
oC, R
G = 3Ω, VGE = 15V, L = 100µH
5
ICE, COLLECTOR TO EMITTER CURRENT (A)
40
300
50
10
20
500
TJ = 125
oC, R
G = 3Ω, L = 500µH, VCE = 390V
100
40
30
fMAX1 = 0.05 / (td(OFF)I + td(ON)I)
RØJC = 0.43
oC/W, SEE NOTES
PC = CONDUCTION DISSIPATION
(DUTY FACTOR = 50%)
fMAX2 = (PD - PC) / (EON2 + EOFF)
TC
VGE
15V
75oC
VGE, GATE TO EMITTER VOLTAGE (V)
10
11
12
15
0
2
10
100
250
350
450
14
13
14
4
6
8
12
150
200
300
400
VCE = 390V, RG = 3Ω, TJ = 125
oC
tSC
ISC
HGTG20N60A4D, HGT4E20N60A4DS


Número de pieza similar - HGTG20N60A4D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
157Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
ON Semiconductor
HGTG20N60A4D ONSEMI-HGTG20N60A4D Datasheet
388Kb / 10P
   SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600 V
April, 2020 - Rev. 3
logo
Inchange Semiconductor ...
HGTG20N60A4D ISC-HGTG20N60A4D Datasheet
367Kb / 3P
   IGBT
2023-8-30
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D_09 Datasheet
157Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

Descripción similar - HGTG20N60A4D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGTG30N60A4D INTERSIL-HGTG30N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com