Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD86250 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FDD86250
Descripción Electrónicos  FDD86250 N-Channel Shielded Gate PowerTrench짰 MOSFET 150 V, 50 A, 22 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD86250 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDD86250 Datasheet HTML 1Page - Fairchild Semiconductor FDD86250 Datasheet HTML 2Page - Fairchild Semiconductor FDD86250 Datasheet HTML 3Page - Fairchild Semiconductor FDD86250 Datasheet HTML 4Page - Fairchild Semiconductor FDD86250 Datasheet HTML 5Page - Fairchild Semiconductor FDD86250 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
©2010 Fairchild Semiconductor Corporation
FDD86250 Rev.C1
www.fairchildsemi.com
5
Figure 13. Junction-to-Case Transient Thermal Response Curve
10
-5
10
-4
10
-3
10
-2
10
-1
1
0.005
0.1
1
SINGLE PULSE
R
θJC = 0.94
oC/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJc + TC
Typical Characteristics T
J = 25 °C unless otherwise noted


Número de pieza similar - FDD86250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
FDD86250 ISC-FDD86250 Datasheet
250Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
BYCHIP ELECTRONICS CO.,...
FDD86250 BYCHIP-FDD86250 Datasheet
612Kb / 4P
   N-channel Enhancement Mode Power MOSFET
logo
ON Semiconductor
FDD86250-F085 ONSEMI-FDD86250-F085 Datasheet
1Mb / 8P
   N-Channel Sheilded Gate PowerTrench짰 MOSFET
September, 2017, Rev. 1
More results

Descripción similar - FDD86250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDD86113LZ FAIRCHILD-FDD86113LZ Datasheet
244Kb / 6P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 5.5 A, 104 m廓
logo
ON Semiconductor
FDP4D5N10C ONSEMI-FDP4D5N10C Datasheet
1,023Kb / 8P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 128 A, 4.5 m廓
June, 2017, Rev. 1.0
FDP8D5N10C ONSEMI-FDP8D5N10C Datasheet
1,022Kb / 8P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 76 A, 8.5 m廓
May, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDS86240 FAIRCHILD-FDS86240 Datasheet
244Kb / 6P
   N-Channel PowerTrench짰 MOSFET 150 V, 7.5 A, 19.8 m廓
FDMS86250 FAIRCHILD-FDMS86250 Datasheet
272Kb / 7P
   N-Channel PowerTrench짰 MOSFET 150 V, 20 A, 25 m廓
FDT86256 FAIRCHILD-FDT86256 Datasheet
251Kb / 6P
   N-Channel PowerTrench짰 MOSFET 150 V, 1.2 A, 845 m廓
FDB110N15A FAIRCHILD-FDB110N15A Datasheet
242Kb / 9P
   N-Channel PowerTrench짰 MOSFET 150 V, 92 A, 11 m廓
logo
ON Semiconductor
FDMS86381-F085 ONSEMI-FDMS86381-F085 Datasheet
565Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 30 A, 22 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS86520L FAIRCHILD-FDMS86520L Datasheet
269Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 22 A, 8.2 m廓
logo
ON Semiconductor
NTDS015N15MC ONSEMI-NTDS015N15MC Datasheet
148Kb / 6P
   MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 15 m, 50 A
May, 2020 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com