Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8403ARZ10-REEL Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD8403ARZ10-REEL
Descripción Electrónicos  1-/2-/4-Channel Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8403ARZ10-REEL Datasheet(HTML) 1 Page - Analog Devices

  AD8403ARZ10-REEL Datasheet HTML 1Page - Analog Devices AD8403ARZ10-REEL Datasheet HTML 2Page - Analog Devices AD8403ARZ10-REEL Datasheet HTML 3Page - Analog Devices AD8403ARZ10-REEL Datasheet HTML 4Page - Analog Devices AD8403ARZ10-REEL Datasheet HTML 5Page - Analog Devices AD8403ARZ10-REEL Datasheet HTML 6Page - Analog Devices AD8403ARZ10-REEL Datasheet HTML 7Page - Analog Devices AD8403ARZ10-REEL Datasheet HTML 8Page - Analog Devices AD8403ARZ10-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1-/2-/4-Channel
Digital Potentiometers
AD8400/AD8402/AD8403
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2010 Analog Devices, Inc. All rights reserved.
FEATURES
256-position variable resistance device
Replaces 1, 2, or 4 potentiometers
1 k
Ω, 10 kΩ, 50 kΩ, 100 kΩ
Power shutdown—less than 5
μA
3-wire,SPI-compatible serial data input
10 MHz update data loading rate
2.7 V to 5.5 V single-supply operation
Qualified for automotive applications
APPLICATIONS
Mechanical potentiometer replacement
Programmable filters, delays, time constants
Volume control, panning
Line impedance matching
Power supply adjustment
GENERAL DESCRIPTION
The AD8400/AD8402/AD8403 provide a single-, dual-, or
quad-channel, 256-position, digitally controlled variable resistor
(VR) device.1 These devices perform the same electronic adjust-
ment function as a mechanical potentiometer or variable
resistor. The AD8400 contains a single variable resistor in the
compact SOIC-8 package. The AD8402 contains two independent
variable resistors in space-saving SOIC-14 surface-mount
packages. The AD8403 contains four independent variable
resistors in 24-lead PDIP, SOIC, and TSSOP packages. Each
part contains a fixed resistor with a wiper contact that taps the
fixed resistor value at a point determined by the digital code
loaded into the controlling serial input register. The resistance
between the wiper and either endpoint of the fixed resistor
varies linearly with respect to the digital code transferred into
the VR latch. Each variable resistor offers a completely
programmable value of resistance between the A terminal and
the wiper or the B terminal and the wiper. The fixed A-to-B
terminal resistance of 1 kΩ, 10 kΩ, 50 kΩ, or 100 kΩ has a ±1%
channel-to-channel matching tolerance with a nominal
temperature coefficient of 500 ppm/°C. A unique switching
circuit minimizes the high glitch inherent in traditional
switched resistor designs, avoiding any make-before-break
or break-before-make operation.
(continued on Page 3)
1 The terms digital potentiometer, VR, and RDAC are used interchangeably.
FUNCTIONAL BLOCK DIAGRAM
8
8-BIT
LATCH
CK RS
8
8-BIT
LATCH
CK RS
8
8-BIT
LATCH
CK RS
8
8-BIT
LATCH
CK RS
DAC
SELECT
A1, A0
1
10-BIT
SERIAL
LATCH
CK
RS
Q
D
SDO
SHDN
RS
AD8403
VDD
DGND
SDI
CLK
CS
8
2
3
2
4
RDAC1
W1
A1
B1
AGND1
RDAC2
W2
A2
B2
AGND2
RDAC3
W3
A3
B3
AGND3
RDAC4
W4
A4
B4
AGND4
SHDN
SHDN
SHDN
SHDN
Figure 1.
CODE (Decimal)
100
75
50
25
0
0
64
128
192
255
RWA
RWB
Figure 2. RWA and RWB vs. Code


Número de pieza similar - AD8403ARZ10-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results

Descripción similar - AD8403ARZ10-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5206BRUZ100 AD-AD5206BRUZ100 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com