Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG801BRM-REEL Datasheet(PDF) 2 Page - Analog Devices

No. de pieza ADG801BRM-REEL
Descripción Electrónicos  <0.4CMOS 1.8 V to 5.5 V SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG801BRM-REEL Datasheet(HTML) 2 Page - Analog Devices

  ADG801BRM-REEL Datasheet HTML 1Page - Analog Devices ADG801BRM-REEL Datasheet HTML 2Page - Analog Devices ADG801BRM-REEL Datasheet HTML 3Page - Analog Devices ADG801BRM-REEL Datasheet HTML 4Page - Analog Devices ADG801BRM-REEL Datasheet HTML 5Page - Analog Devices ADG801BRM-REEL Datasheet HTML 6Page - Analog Devices ADG801BRM-REEL Datasheet HTML 7Page - Analog Devices ADG801BRM-REEL Datasheet HTML 8Page - Analog Devices ADG801BRM-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADG801/ADG802
Data Sheet
Rev. B | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 5
 
ESD Caution...................................................................................5
 
Pin Configurations and Function Descriptions ............................6
 
Typical Performance Characteristics ..............................................7
 
Terminology .......................................................................................9
 
Test Circuits..................................................................................... 10
 
Outline Dimensions ....................................................................... 12
 
Ordering Guide .......................................................................... 13
 
REVISION HISTORY
1/12—Rev. A to Rev. B
Deleted 6-Ball WLCSP Package........................................Universal
Added Table Title to Table 3; Renumbered Sequentially ............ 5
Deleted Figure 4; Renumbered Sequentially................................. 6
Changes to Table 5............................................................................ 6
Moved Terminology Section........................................................... 9
Updated Outline Dimensions ....................................................... 12
Deleted Figure 23............................................................................ 13
Changes to Ordering Guide .......................................................... 13
3/07—Rev. 0 to Rev. A
Updated Format..................................................................Universal
Added 6-Ball WLCSP Package (Text and Figures) ........Universal
Replaced Typical Performance Characteristics Section .............. 8
Updated Outline Dimensions ....................................................... 12
Changes to Ordering Guide .......................................................... 14
5/02—Revision 0: Initial Version


Número de pieza similar - ADG801BRM-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG801BRM AD-ADG801BRM Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
More results

Descripción similar - ADG801BRM-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
logo
Vishay Siliconix
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
   1.8 V to 5.5 V, 4ohm Dual SPST Switches
Rev. E, 01-Aug-11
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
logo
Analog Devices
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com