Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADG819BCB Datasheet(PDF) 5 Page - Analog Devices |
|
ADG819BCB Datasheet(HTML) 5 Page - Analog Devices |
5 / 12 page ADG819/ADG820 TERMINOLOGY VDD Most Positive Power Supply Potential GND Ground (0 V) Reference IDD Positive Supply Current S Source Terminal. May be an input or output. D Drain Terminal. May be an input or output. IN Logic Control Input RON Ohmic Resistance between D and S ∆RON ON Resistance Match between Any Two Channels, i.e., RON max – RON min RFLAT(ON) Flatness is defined as the difference between the maximum and minimum value of ON resistance as measured over the specified analog signal range. IS (OFF) Source Leakage Current with the Switch OFF ID, IS (ON) Channel Leakage Current with the Switch ON VD (VS) Analog Voltage on Terminals D, S VINL Maximum Input Voltage for Logic “0” VINH Minimum Input Voltage for Logic “1” IINL(IINH) Input Current of the Digital Input CS (OFF) OFF Switch Source Capacitance CD, CS (ON) ON Switch Capacitance tON Delay between applying the digital control input and the output switching ON. tOFF Delay between applying the digital control input and the output switching OFF. tBBM OFF time or ON time measured between the 90% points of both switches when switching from one address state to another. tMBB ON time measured between the 80% points of both switches when switching from one address state to another. Charge Injection A measure of the glitch impulse transferred from the digital input to the analog output during switching. Crosstalk A measure of unwanted signal coupled through from one channel to another as a result of parasitic capacitance. OFF Isolation A measure of unwanted signal coupling through an OFF switch. Bandwidth Frequency at which the output is attenuated by –3 dB. ON Response Frequency Response of the ON Switch Insertion Loss Loss due to the ON Resistance of the Switch CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADG819/ ADG820 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE REV. 0 –5– |
Número de pieza similar - ADG819BCB |
|
Descripción similar - ADG819BCB |