Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG3300BRUZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADG3300BRUZ-REEL7
Descripción Electrónicos  Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG3300BRUZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADG3300BRUZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG3300BRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG3300BRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG3300BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG3300BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG3300BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG3300BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG3300BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG3300BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADG3300
Rev. 0 | Page 5 of 20
Parameter
Symbol
Conditions
Min
Typ2
Max
Unit
POWER REQUIREMENTS
Power Supply Voltages
VCCA
VCCA ≤ VCCY
1.15
5.5
V
VCCY
1.65
5.5
V
Quiescent Power Supply Current
ICCA
VA = 0 V/VCCA, VY = 0 V/VCCY,
VCCA = VCCY = 5.5 V, EN = 1
0.17
5
µA
ICCY
VA = 0 V/VCCA, VY = 0 V/VCCY,
VCCA = VCCY = 5.5 V, EN = 1
0.27
5
µA
Three-State Mode Power Supply Current
IHiZA
VCCA = VCCY = 5.5 V, EN = 0
0.1
5
µA
IHiZY
VCCA = VCCY = 5.5 V, EN = 0
0.1
5
µA
1 Temperature range is a follows: B version: −40°C to +85°C.
2 All typical values are at TA = 25°C, unless otherwise noted.
3 Guaranteed by design; not subject to production test.


Número de pieza similar - ADG3300BRUZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
More results

Descripción similar - ADG3300BRUZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3301 AD-ADG3301_15 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3304 AD-ADG3304_15 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
REV. D
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20