Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADG442BN Datasheet(PDF) 5 Page - Analog Devices |
|
ADG442BN Datasheet(HTML) 5 Page - Analog Devices |
5 / 16 page ADG441/ADG442/ADG444 Rev. A | Page 5 of 16 ABSOLUTE MAXIMUM RATINGS TA = 25°C unless otherwise noted. Table 3. Parameter Rating VDD to VSS 44 V VDD to GND −0.3 V to +25 V VSS to GND +0.3 V to −25 V VL to GND −0.3 V to VDD + 0.3 V Analog, Digital Inputs VSS − 2 V to VDD + 2 V or 30 mA, Whichever Occurs First Continuous Current, S or D 30 mA Peak Current, S or D (Pulsed at 1 ms, 10% Duty Cycle Max) 100 mA Operating Temperature Range Industrial (B Version) −40°C to +85°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C Lead Temperature, Soldering (10 sec) 300°C Plastic Package, Power Dissipation 470 mW θJA, Thermal Impedance 177°C/W Lead Temperature, Soldering (10 sec) 260°C SOIC Package, Power Dissipation 600 mW θJA, Thermal Impedance 77°C/W Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating may be applied at any one time. Table 4. Truth Table ADG441/ADG444 IN ADG442 IN Switch Condition 0 1 ON 1 0 OFF ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Número de pieza similar - ADG442BN |
|
Descripción similar - ADG442BN |