Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF1202R Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza BF1202R
Descripción Electrónicos  N-channel dual-gate PoLo MOS-FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF1202R Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BF1202R Datasheet HTML 5Page - NXP Semiconductors BF1202R Datasheet HTML 6Page - NXP Semiconductors BF1202R Datasheet HTML 7Page - NXP Semiconductors BF1202R Datasheet HTML 8Page - NXP Semiconductors BF1202R Datasheet HTML 9Page - NXP Semiconductors BF1202R Datasheet HTML 10Page - NXP Semiconductors BF1202R Datasheet HTML 11Page - NXP Semiconductors BF1202R Datasheet HTML 12Page - NXP Semiconductors BF1202R Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2010 Sep 16
9
NXP Semiconductors
Product specification
N-channel dual-gate PoLo MOS-FETs
BF1202; BF1202R; BF1202WR
handbook, full pagewidth
DUT
C1
4.7 nF
R1
10 k
Ω
MGS315
C4
4.7 nF
L1
2.2 μH
C3
4.7 nF
RL
50
Ω
VGG
VAGC
VDS
RGEN
50
Ω
VI
R2
50
Ω
4.7 nF
C2
RG1
Fig.21 Cross-modulation test set-up.
Table 1
Scattering parameters: VDS =5 V; VG2-S =4V; ID =12mA; Tamb =25 C
Table 2
Noise data: VDS =5V; VG2-S =4V; ID =12mA; Tamb =25 C
f
(MHz)
s11
s21
s12
s22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
50
0.988
3.26
2.989
176.2
0.0005
92.6
0.995
1.50
100
0.988
6.52
3.017
172.5
0.0009
88.0
0.995
3.01
200
0.984
12.99
2.990
165.0
0.0018
82.5
0.994
5.95
300
0.977
19.39
2.949
157.6
0.0027
78.2
0.992
8.86
400
0.965
25.65
2.913
150.3
0.0036
75.4
0.990
11.79
500
0.951
31.76
2.853
143.2
0.0039
71.8
0.988
14.65
600
0.936
37.68
2.793
136.3
0.0042
69.9
0.986
17.41
700
0.919
43.42
2.727
129.5
0.0044
68.9
0.984
20.10
800
0.903
48.94
2.664
123.0
0.0043
68.5
0.980
22.69
900
0.887
54.25
2.593
116.7
0.0041
70.7
0.975
25.27
1000
0.870
59.34
2.518
110.5
0.0038
72.4
0.970
27.90
f
(MHz)
Fmin
(dB)
opt
Rn
(
)
(ratio)
(deg)
400
0.9
0.805
28.5
50
800
1.1
0.725
47.2
40


Número de pieza similar - BF1202R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF1202R PHILIPS-BF1202R Datasheet
116Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202R NXP-BF1202R Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
BF1202R NXP-BF1202R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Descripción similar - BF1202R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BF1202_2015 JMNIC-BF1202_2015 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1201 PHILIPS-BF1201 Datasheet
113Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202 PHILIPS-BF1202 Datasheet
116Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202 NXP-BF1202_10 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1202 JMNIC-BF1202_15 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1201_2015 JMNIC-BF1201_2015 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1201 JMNIC-BF1201_15 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com