Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYC8-600 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BYC8-600
Descripción Electrónicos  Hyperfast power diode in a SOD59 (2-lead TO-220AC) plastic package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYC8-600 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYC8-600 Datasheet HTML 1Page - NXP Semiconductors BYC8-600 Datasheet HTML 2Page - NXP Semiconductors BYC8-600 Datasheet HTML 3Page - NXP Semiconductors BYC8-600 Datasheet HTML 4Page - NXP Semiconductors BYC8-600 Datasheet HTML 5Page - NXP Semiconductors BYC8-600 Datasheet HTML 6Page - NXP Semiconductors BYC8-600 Datasheet HTML 7Page - NXP Semiconductors BYC8-600 Datasheet HTML 8Page - NXP Semiconductors BYC8-600 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NXP Semiconductors
BYC8-600
Hyperfast power diode
BYC8-600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
23 May 2013
3 / 9
003aab472
0
5
10
15
20
25
30
0
4
8
12
IF(AV) (A)
Ptot
(W)
δ =1
0.5
0.2
0.1
Fig. 1. Forward power dissipation as a function of
average forward current; square waveform;
maximum values
003aab471
0
4
8
12
16
20
0
2
4
6
8
IF(AV) (A)
Ptot
(W)
a = 1.57
1.9
2.2
2.8
4.0
Fig. 2. Forward power dissipation as a function of
average forward current; sinusoidal waveform;
maximum values
8. Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance
from junction to
mounting base
Fig. 3
-
-
2.2
K/W
Rth(j-a)
thermal resistance
from junction to
ambient free air
-
60
-
K/W
003aac977
1
10- 1
10
Zth(j-mb)
(K/W)
10- 3
10- 2
tp (s)
10- 6
10
1
10- 1
10- 5
10- 3 10- 2
10- 4
tp
tp
T
P
t
T
δ =
Fig. 3. Transient thermal impedance from junction to mounting base as a function of pulse width


Número de pieza similar - BYC8-600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BYC8-600 PHILIPS-BYC8-600 Datasheet
62Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998
BYC8-600 PHILIPS-BYC8-600 Datasheet
59Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
BYC8-600 NXP-BYC8-600 Datasheet
144Kb / 9P
   Hyperfast rectifier diode, low switching loss
Rev. 06-12 March 2009
logo
Unisonic Technologies
BYC8-600 UTC-BYC8-600 Datasheet
144Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
logo
WeEn Semiconductors
BYC8-600 WEEN-BYC8-600 Datasheet
189Kb / 10P
   Hyperfast power diode
More results

Descripción similar - BYC8-600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Continental Device Indi...
TO-220AC CDIL-TO-220AC Datasheet
379Kb / 6P
   TO-220AC (2 Lead) Leaded Plastic Package
logo
Foshan Blue Rocket Elec...
MM10FU120K FOSHAN-MM10FU120K Datasheet
957Kb / 6P
   Ultrafast Recovery Diode in a TO-220AC Plastic Package
MUR860 FOSHAN-MUR860 Datasheet
832Kb / 6P
   Ultrafast Recovery Diode in a TO-220AC Plastic Package
MBR10100 FOSHAN-MBR10100 Datasheet
768Kb / 6P
   Schottky Barrier Diode in a TO-220AC Plastic Package
MBR10200 FOSHAN-MBR10200 Datasheet
879Kb / 6P
   Schottky Barrier Diode in a TO-220AC Plastic Package
MUR1060CT FOSHAN-MUR1060CT Datasheet
826Kb / 6P
   Ultrafast Recovery Diode in a TO-220AC Plastic Package
MUR1560 FOSHAN-MUR1560 Datasheet
922Kb / 6P
   Ultrafast Recovery Diode in a TO-220AC Plastic Package
MUR3060 FOSHAN-MUR3060 Datasheet
746Kb / 6P
   Ultrafast Recovery Diode in a TO-220AC Plastic Package
MUR1060 FOSHAN-MUR1060 Datasheet
748Kb / 6P
   Ultrafast Recovery Diode in a TO-220AC Plastic Package
MUR1220CT FOSHAN-MUR1220CT Datasheet
844Kb / 6P
   Ultrafast Recovery Diode in a TO-220AC Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com