Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7980-EP Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD7980-EP
Descripción Electrónicos  16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7980-EP Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7980-EP Datasheet HTML 4Page - Analog Devices AD7980-EP Datasheet HTML 5Page - Analog Devices AD7980-EP Datasheet HTML 6Page - Analog Devices AD7980-EP Datasheet HTML 7Page - Analog Devices AD7980-EP Datasheet HTML 8Page - Analog Devices AD7980-EP Datasheet HTML 9Page - Analog Devices AD7980-EP Datasheet HTML 10Page - Analog Devices AD7980-EP Datasheet HTML 11Page - Analog Devices AD7980-EP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7980-EP
Rev. 0 | Page 10 of 12
100
80
10
1000
FREQUENCY (kHz)
95
90
85
100
Figure 17. SINAD vs. Frequency
95
85
89
87
91
93
–55
125
TEMPERATURE (°C)
–35
–15
5
25
65
85
45
105
Figure 18. SNR vs. Temperature
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2.425
2.475
VDD VOLTAGE (V)
2.375
2.525
2.575
2.625
IVDD
IREF
IVIO
Figure 19. Operating Currents vs. Supply
–85
–125
10
1000
FREQUENCY (kHz)
100
–90
–95
–100
–105
–110
–115
–120
Figure 20. THD vs. Frequency
–110
–120
–55
–35
–15
5
25
TEMPERATURE (°C)
45
65
85
105
125
–112
–114
–116
–118
Figure 21. THD vs. Temperature
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–55
–35
–15
5
25
TEMPERATURE (°C)
45
65
85
105
125
IVDD
IREF
IVIO
Figure 22. Operating Currents vs. Temperature


Número de pieza similar - AD7980-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7980 AD-AD7980 Datasheet
1Mb / 22P
   16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev Pr C
AD7980 AD-AD7980 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7980 AD-AD7980 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7980 AD-AD7980 Datasheet
421Kb / 16P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
AD7980 AD-AD7980 Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results

Descripción similar - AD7980-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7980 AD-AD7980 Datasheet
1Mb / 22P
   16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev Pr C
AD7980 AD-AD7980_13 Datasheet
485Kb / 28P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. C
AD7980BRMZRL7 AD-AD7980BRMZRL7 Datasheet
411Kb / 28P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7983 AD-AD7983_17 Datasheet
584Kb / 25P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
AD7983 AD-AD7983 Datasheet
612Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7983 AD-AD7983_15 Datasheet
512Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7982 AD-AD7982 Datasheet
416Kb / 23P
   18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev PrC
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7982 AD-AD7982_15 Datasheet
2Mb / 25P
   18 Bit 1 MSPS PulSAR 7.0 mW ADC in MSOP QFN
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com