Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1671JP Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD1671JP
Descripción Electrónicos  Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1671JP Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1671JP Datasheet HTML 2Page - Analog Devices AD1671JP Datasheet HTML 3Page - Analog Devices AD1671JP Datasheet HTML 4Page - Analog Devices AD1671JP Datasheet HTML 5Page - Analog Devices AD1671JP Datasheet HTML 6Page - Analog Devices AD1671JP Datasheet HTML 7Page - Analog Devices AD1671JP Datasheet HTML 8Page - Analog Devices AD1671JP Datasheet HTML 9Page - Analog Devices AD1671JP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD1671
REV. B
–6–
DEFINITIONS OF SPECIFICATIONS
INTEGRAL NONLINEARITY (INL)
Integral nonlinearity refers to the deviation of each individual
code from a line drawn from “zero” through “full scale.” The
point used as “zero” occurs 1/2 LSB (1.22 mV for a 10 V span)
before the first code transition (all zeros to only the LSB on).
“Full-scale” is defined as a level 1 1/2 LSB beyond the last code
transition (to all ones). The deviation is measured from the low
side transition of each particular code to the true straight line.
DIFFERENTIAL LINEARITY ERROR (NO MISSING
CODES)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from the ideal value. Thus every
code has a finite width. Guaranteed no missing codes to 11- or
12-bit resolution indicates that all 2048 and 4096 codes, respec-
tively, must be present over all operating ranges. No missing
codes to 11 bits (in the case of a 12-bit resolution ADC) also
means that no two consecutive codes are missing.
UNIPOLAR OFFSET
The first transition should occur at a level 1/2 LSB above analog
common. Unipolar offset is defined as the deviation of the ac-
tual from that point. This offset can be adjusted as discussed
later. The unipolar offset temperature coefficient specifies the
maximum change of the transition point over temperature, with
or without external adjustments.
BIPOLAR ZERO
In the bipolar mode the major carry transition (0111 1111 1111 to
1000 0000 0000) should occur for an analog value 1/2 LSB be-
low analog common. The bipolar offset error and temperature
coefficient specify the initial deviation and maximum change in
the error over temperature.
GAIN ERROR
The last transition (from 1111 1111 1110 to 1111 1111 1111)
should occur for an analog value 1 1/2 LSB below the nominal
full scale (4.9963 volts for 5.000 volts full scale). The gain error
is the deviation of the actual level at the last transition from the
ideal level. The gain error can be adjusted to zero as shown in
Figures 4 through 7.
TEMPERATURE COEFFICIENTS
The temperature coefficients for unipolar offset, bipolar zero
and gain error specify the maximum change from the initial
(+25
°C) value to the value at T
MIN or TMAX.
POWER SUPPLY REJECTION
One of the effects of power supply error on the performance of
the device will be a small change in gain. The specifications
show the maximum full-scale change from the initial value with
the supplies at the various limits.
DYNAMIC SPECIFICATIONS
SIGNAL-TO-NOISE PLUS DISTORTION (S/ N+D) RATIO
S/N+D is the ratio of the rms value of the measured input signal
to the rms sum of all other spectral components, including har-
monics but excluding dc. The value for S/N+D is expressed in
decibels.
EFFECTIVE NUMBER OF BITS (ENOB)
ENOB is calculated from the expression (S/N+D) = 6.02N +
1.76 dB, where N is equal to the effective number of bits.
TOTAL HARMONIC DISTORTION (THD)
THD is the ratio of the rms sum of the first six harmonic com-
ponents to the rms value of the measured input signal and is ex-
pressed as a percentage or in decibels.
INTERMODULATION DISTORTION (IMD)
With inputs consisting of sine waves at two frequencies, fa and
fb, any device with nonlinearities will create distortion products
of order (m + n), at sum and difference frequencies of mfa
±
nfb, where m, n = 0, 1, 2, 3. . . . Intermodulation terms are
those for which m or n is not equal to zero. For example, the
second order terms are (fa + fb) and (fa – fb), and the third or-
der terms are (2 fa + fb), (2 fa – fb), (fa + 2 fb) and (2fb – fa).
The IMD products are expressed as the decibel ratio of the rms
sum of the measured input signals to the rms sum of the distor-
tion terms. The two signals are of equal amplitude and the peak
value of their sum is –0.5 dB from full scale. The IMD products
are normalized to a 0 dB input signal.
PEAK SPURIOUS OR PEAK HARMONIC COMPONENT
The peak spurious or peak harmonic component is the largest
spectral component, excluding the input signal and dc. This
value is expressed in decibels relative to the rms value of a full-
scale input signal.
APERTURE DELAY
Aperture delay is the difference between thc switch delay and
the analog delay of the SHA. This delay represents the point in
time, relative to the rising edge of ENCODE input, that the
analog input is sampled.
APERTURE JITTER
Aperture jitter is the variation in aperture delay for successive
samples.
FULL POWER BANDWIDTH
The input frequency at which the amplitude of the recon-
structed fundamental is reduced by 3 dB for a full-scale input.


Número de pieza similar - AD1671JP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1671 AD-AD1671 Datasheet
201Kb / 7P
   12-Bit A/D Converter
AD1671 AD-AD1671_15 Datasheet
397Kb / 16P
   Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
AD1671 AD-AD1671_17 Datasheet
201Kb / 7P
   12-Bit A/D Converter
More results

Descripción similar - AD1671JP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1671 AD-AD1671_15 Datasheet
397Kb / 16P
   Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
AD9241 AD-AD9241 Datasheet
495Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9241ASZ AD-AD9241ASZ Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9241 AD-AD9241_17 Datasheet
530Kb / 25P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
AD9241 AD-AD9241_15 Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com