Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADR420 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADR420
Descripción Electrónicos  Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADR420 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR420 Datasheet HTML 5Page - Analog Devices ADR420 Datasheet HTML 6Page - Analog Devices ADR420 Datasheet HTML 7Page - Analog Devices ADR420 Datasheet HTML 8Page - Analog Devices ADR420 Datasheet HTML 9Page - Analog Devices ADR420 Datasheet HTML 10Page - Analog Devices ADR420 Datasheet HTML 11Page - Analog Devices ADR420 Datasheet HTML 12Page - Analog Devices ADR420 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD5545/AD5555
Rev. G | Page 9 of 24
THEORY OF OPERATION
The AD5545/AD5555 contain a 16-/14-bit, current-output,
digital-to-analog converter, a serial-input register, and a DAC
register. Both parts require a minimum of a 3-wire serial data
interface with an additional LDAC for dual channel simultaneous
update.
DIGITAL-TO-ANALOG CONVERTER
The DAC architecture uses a current-steering R-2R ladder
design. Figure 17 shows the typical equivalent DAC. The DAC
contains a matching feedback resistor for use with an external
I-to-V converter amplifier. The RFB pin is connected to the
output of the external amplifier. The IOUT terminal is connected
to the inverting input of the external amplifier. These DACs are
designed to operate with either negative or positive reference
voltages. The VDD power pin is used only by the logic to drive
the DAC switches on and off. Note that a matching switch is
used in series with the internal 5 kΩ feedback resistor. If users
attempt to measure the RFB value, power must be applied to VDD
to achieve continuity. The VREF input voltage and the digital data
(D) loaded into the corresponding DAC register, according to
Equation 1 and Equation 2, determine the DAC output voltage.
536
,
65
/
D
V
V
REF
OUT
×
=
(1)
384
,
16
/
D
V
V
REF
OUT
×
=
(2)
Note that the output full-scale polarity is the opposite of the
VREF polarity for dc reference voltages.
VREF
DIGITAL INTERFACE CONNECTIONS OMITTED FOR CLARITY:
SWITCHES S1 AND S2 ARE CLOSED, VDD MUST BE POWERED
R
2R
2R
2R
R
5k
S2
S1
R
R
VDD
RFB
IOUT
GND
02918- 0- 005
Figure 17. Equivalent R-2R DAC Circuit
These DACs are also designed to accommodate ac reference input
signals. The AD5545/AD5555 accommodate input reference
voltages in the range of –12 V to +12 V. The reference voltage
inputs exhibit a constant nominal input-resistance value of
5 kΩ, ±30%. The DAC output (IOUT) is code dependent, pro-
ducing various output resistances and capacitances. When
choosing an external amplifier, the user should take into
account the variation in impedance generated by the AD5545/
AD5555 on the amplifiers inverting input node. The feedback
resistance in parallel with the DAC ladder resistance dominates
output voltage noise.
VREFA
DIGITAL INTERFACE CONNECTIONS OMITTED FOR CLARITY:
SWITCHES S1 AND S2 ARE CLOSED, VDD MUST BE POWERED
R
2R
2R
2R
R
5k
S2
S1
+3V
–3V
R
R
VOUT
VIN
VDD
5V
2.500V
RFBA
IOUTA
AGNDA
GND
02918- 0- 006
AD5545/AD5555
ADR03
AD8628
LOAD
VOUT
VEE
VCC
Figure 18. Recommended System Connections


Número de pieza similar - ADR420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR420 AD-ADR420 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR420 AD-ADR420 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
ADR420 AD-ADR420 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR420AR AD-ADR420AR Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR420AR-REEL7 AD-ADR420AR-REEL7 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
More results

Descripción similar - ADR420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_04 Datasheet
909Kb / 20P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com