Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BZX384B4V7 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
BZX384B4V7 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 8 page BZX384-Series www.vishay.com Vishay Semiconductors Rev. 1.9, 08-May-13 1 Document Number: 85764 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Small Signal Zener Diodes FEATURES • Silicon planar Zener diodes • The Zener voltages are graded according to the international E24 standard • Standard Zener voltage tolerance is ± 5 %; replace “C” with “B” for ± 2 % tolerance • AEC-Q101 qualified • ESD capability according to AEC-Q101: Human body model > 8 kV Machine model > 800 V • Base P/N-E3 - RoHS-compliant, commercial grade • Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 PRIMARY CHARACTERISTICS PARAMETER VALUE UNIT VZ range nom. 2.4 to 75 V Test current IZT 2; 5 mA VZ specification Pulse current Int. construction Single ORDERING INFORMATION DEVICE NAME ORDERING CODE TAPED UNITS PER REEL MINIMUM ORDER QUANTITY BZX384-series BZX384C2V4-E3-08 to BZX384C75-E3-08 3000 (8 mm tape on 7" reel) 15 000/box BZX384B2V4-E3-08 to BZX384B75-E3-08 BZX384C2V4-HE3-08 to BZX384C75-HE3-08 BZX384B2V4-HE3-08 to BZX384B75-HE3-08 BZX384C2V4-E3-18 to BZX384C75-E3-18 10 000 (8 mm tape on 13" reel) 10 000/box BZX384B2V4-E3-18 to BZX384B75-E3-18 BZX384C2V4-HE3-18 to BZX384C75-HE3-18 BZX384B2V4-HE3-18 to BZX384B75-HE3-18 PACKAGE PACKAGE NAME WEIGHT MOLDING COMPOUND FLAMMABILITY RATING MOISTURE SENSITIVITY LEVEL SOLDERING CONDITIONS SOD-323 4.3 mg UL 94 V-0 MSL level 1 (according J-STD-020) 260 °C/10 s at terminals ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Power dissipation Device on fiberglass substrate Ptot 200 mW Thermal resistance junction to ambient air Valid that electrodes are kept at ambient temperature RthJA 650 K/W Junction temperature Tj 150 °C Storage temperature range Tstg - 65 to + 150 °C Operating temperature range Top - 55 to + 150 °C |
Número de pieza similar - BZX384B4V7 |
|
Descripción similar - BZX384B4V7 |