Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMA2701AR1 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza HMA2701AR1
Descripción Electrónicos  FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HMA2701AR1 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HMA2701AR1 Datasheet HTML 1Page - Fairchild Semiconductor HMA2701AR1 Datasheet HTML 2Page - Fairchild Semiconductor HMA2701AR1 Datasheet HTML 3Page - Fairchild Semiconductor HMA2701AR1 Datasheet HTML 4Page - Fairchild Semiconductor HMA2701AR1 Datasheet HTML 5Page - Fairchild Semiconductor HMA2701AR1 Datasheet HTML 6Page - Fairchild Semiconductor HMA2701AR1 Datasheet HTML 7Page - Fairchild Semiconductor HMA2701AR1 Datasheet HTML 8Page - Fairchild Semiconductor HMA2701AR1 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PACKAGE DIMENSIONS
FULL PITCH MINI-FLAT PACKAGE
4-PIN OPTOCOUPLERS
11/12/03
Page 1 of 10
© 2003 Fairchild Semiconductor Corporation
HMA121 Series
HMA124
HMA2701 Series
HMAA2705
1
2
4
3 EMITTER
COLLECTOR
1
2
4
3 EMITTER
COLLECTOR
ANODE
CATHODE
Equivalent Circuit
(HMA2701, HMA121, HMA124)
Equivalent Circuit
(HMAA2705)
DESCRIPTION
The HMA124, HMA121 series and HMA2701 series consists of a gallium arsenide infrared emitting diode driving
a silicon phototransistor in a compact 4-pin mini-flat package. The lead pitch is 2.54 mm.
The HMAA2705 consists of two gallium arsenide infrared emitting diodes, connected in inverse parallel, driving
a single silicon phototransistor in a compact 4-pin mini-flat package. The lead pitch is 2.54mm.
FEATURES
Compact 4-pin package
(2.4 mm maximum standoff height)
Current Transfer Ratio in selected groups
HMA121: 50–600%
HMA2701: 50–300%
HMA121A: 100–300%
HMA2701A: 150–300%
HMA121B: 50–150%
HMA2701B: 80–160%
HMA121C: 100–200%
HMA124: 100% MIN
HMA121D: 50–100%
HMAA2705: 50–300%
HMA121E: 150–300%
HMA121F: 100–600%
Available in tape and reel quantities of 500 and 2500.
Applicable to Infrared Ray reflow (230°C max, 30 seconds.)
BSI (File #8611/8612), CSA (File #1162301), UL (File #E90700)
and VDE (File #136480) certified
Creepage
≥ 5 mm, typical 5.2 mm
Clearance
≥ 5 mm, typical 5.2 mm
APPLICATIONS
HMAA2705
AC line monitor
Unknown polarity DC sensor
Telephone line receiver
HMA121 series, HMA2701 series, HMA124
Digital logic inputs
Microprocessor inputs
Power supply monitor
Twisted pair line receiver
Telephone line receiver
NOTE
All dimensions are in inches (millimeters)
0.287 (7.29)
0.248 (6.30)
0.020 (0.51)
0.012 (0.30)
0.169 (4.29)
0.154 (3.91)
0.173 (4.40)
TYP
0.035 (0.89)
0.012 (0.30)
0.008 (0.20)
0.000 (0.0)
0.100 (2.54) TYP
0.033 (0.85)
0.026 (0.65)
0.094 (2.39)
0.079 (2.01)
PIN 1


Número de pieza similar - HMA2701AR1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
HMA271-73 LITTELFUSE-HMA271-73 Datasheet
455Kb / 4P
   H/I-Series
HMA271-78 LITTELFUSE-HMA271-78 Datasheet
455Kb / 4P
   H/I-Series
More results

Descripción similar - HMA2701AR1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR2V FAIRCHILD-FODM121AR2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMHAA280 FAIRCHILD-HMHAA280_06 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
HMHAA280 FAIRCHILD-HMHAA280 Datasheet
533Kb / 9P
   HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com