Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN32055A Datasheet(PDF) 42 Page - Panasonic Semiconductor

No. de pieza AN32055A
Descripción Electrónicos  7 x 7 Dots Matrix LED Driver LSI with Step-up DC/DC Converter for White LED
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN32055A Datasheet(HTML) 42 Page - Panasonic Semiconductor

Back Button AN32055A Datasheet HTML 38Page - Panasonic Semiconductor AN32055A Datasheet HTML 39Page - Panasonic Semiconductor AN32055A Datasheet HTML 40Page - Panasonic Semiconductor AN32055A Datasheet HTML 41Page - Panasonic Semiconductor AN32055A Datasheet HTML 42Page - Panasonic Semiconductor AN32055A Datasheet HTML 43Page - Panasonic Semiconductor AN32055A Datasheet HTML 44Page - Panasonic Semiconductor AN32055A Datasheet HTML 45Page - Panasonic Semiconductor AN32055A Datasheet HTML 46Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 97 page
background image
AN32055A
Page 42 of 96
Product Standards
Up 3 s
Gradation
173
Square out 1 s
Gradation
150
Display
Contents of the
pattern
Pattern No.
Up 2 s
Gradation
172
Up 1 s
Gradation
171
Down 3 s
Gradation
170
Down 2 s
Gradation
169
Down 1 s
Gradation
168
Slant left up 3 s
Gradation
167
Slant left up 2 s
Gradation
166
Slant left up 1 s
Gradation
165
Slant right up 3 s
Gradation
164
Slant right up 2 s
Gradation
163
Slant right up 1 s
Gradation
162
Slant left down 3 s
Gradation
161
Slant left down 2 s
Gradation
160
Slant left down 1 s
Gradation
159
Slant right down 3 s
Gradation
158
Slant right down 2 s
Gradation
157
Slant right down 1 s
Gradation
156
Square in 3 s
Gradation
155
Square in 2 s
Gradation
154
Square in 1 s
Gradation
153
Square out 3 s
Gradation
152
Square out 2 s
Gradation
151
Right 1 s
Gradation
174
Right 2 s
Gradation
175
Right 3 s
Gradation
176
Left 1 s
Gradation
177
Left 2 s
Gradation
178
Left 3 s
Gradation
179
Slant right center 1 s
Gradation
180
Slant right center 2 s
Gradation
181
Slant right center 3 s
Gradation
182
Slant left center 1 s
Gradation
183
Slant left center 2 s
Gradation
184
Display
Contents of the
pattern
Pattern No.
Square right down 3 s
Gradation
194
Square right down 2 s
Gradation
193
Square right down 1 s
Gradation
192
Side center 3 s
Gradation
191
Side center 2 s
Gradation
190
Side center 1 s
Gradation
189
Vertical center 3 s
Gradation
188
Vertical center 2 s
Gradation
187
Vertical center 1 s
Gradation
186
Slant left center 3 s
Gradation
185
[10010110] - [11010000] : ROM(Luminosity
 Cycle  Delay) 7  7 Pattern No.150 to Pattern No.208
ROM Address Map (continued)
OPERATION (continued)
4. Register and Address (continued)
Doc No. TA4-EA-04511
Revision. 2
Established : 2006-08-29
Revised
: 2013-04-01


Número de pieza similar - AN32055A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AN32051A PANASONIC-AN32051A Datasheet
911Kb / 64P
   7 x 7 Dots Matrix LED Driver LSI
AN32058A PANASONIC-AN32058A Datasheet
908Kb / 65P
   7 x 7 Dots Matrix LED Driver LSI
More results

Descripción similar - AN32055A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AN32058A PANASONIC-AN32058A Datasheet
908Kb / 65P
   7 x 7 Dots Matrix LED Driver LSI
AN32051A PANASONIC-AN32051A Datasheet
911Kb / 64P
   7 x 7 Dots Matrix LED Driver LSI
logo
Marktech Corporate
TB62731FUG MARKTECH-TB62731FUG Datasheet
273Kb / 17P
   Step-up DC-DC Converter for White LED Driver
logo
Toshiba Semiconductor
TB62731FUG TOSHIBA-TB62731FUG Datasheet
246Kb / 20P
   Step-up DC-DC Converter for White LED Driver
logo
Stanson Technology
ST1938 STANSON-ST1938 Datasheet
151Kb / 5P
   DC-DC Step-Up Converter for White LED Driver
logo
Toshiba Semiconductor
TB62732FUG TOSHIBA-TB62732FUG Datasheet
290Kb / 18P
   Step-up DC/DC Converter for White LED Driver
logo
Stanson Technology
ST1937 STANSON-ST1937 Datasheet
202Kb / 6P
   DC-DC Step-Up Converter for White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
   Step-Up DC-DC Converter, White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com