Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN32055A Datasheet(PDF) 58 Page - Panasonic Semiconductor

No. de pieza AN32055A
Descripción Electrónicos  7 x 7 Dots Matrix LED Driver LSI with Step-up DC/DC Converter for White LED
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN32055A Datasheet(HTML) 58 Page - Panasonic Semiconductor

Back Button AN32055A Datasheet HTML 54Page - Panasonic Semiconductor AN32055A Datasheet HTML 55Page - Panasonic Semiconductor AN32055A Datasheet HTML 56Page - Panasonic Semiconductor AN32055A Datasheet HTML 57Page - Panasonic Semiconductor AN32055A Datasheet HTML 58Page - Panasonic Semiconductor AN32055A Datasheet HTML 59Page - Panasonic Semiconductor AN32055A Datasheet HTML 60Page - Panasonic Semiconductor AN32055A Datasheet HTML 61Page - Panasonic Semiconductor AN32055A Datasheet HTML 62Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 97 page
background image
AN32055A
Page 58 of 96
Product Standards
DISRGB2
DISRGB1
DISMTX
DISSUB2
DISSUB1
DISPL2
DISPL1
Default
LEDACT
Data Name
0Ah
W
0
D5
W
0
D6
W
0
D7
DATA
mode
Sub Address
W
W
W
W
W
0
0
0
0
0
D0
D1
D2
D3
D4
D7 : LEDACT A putting-out-lights setup of LED by LEDCTL terminal.
[0] : The light is switched on at LEDCTL = Low(default)
[1] : The light is switched on at LEDCTL = High
D6 : DISPL1 A putting-out-lights ON/OFF setup of PL1 terminal by LEDCTL terminal.
[0] : Putting-out-lights control OFF by LEDCTL terminal. (default)
[1] : Putting-out-lights control ON by LEDCTL terminal.
D5 : DISPL2 A putting-out-lights ON/OFF setup of PL2 terminal by LEDCTL terminal.
[0] : Putting-out-lights control OFF by LEDCTL terminal. (default)
[1] : Putting-out-lights control ON by LEDCTL terminal.
D4 : DISSUB1 A putting-out-lights ON/OFF setup of BLS1 terminal by LEDCTL terminal.
[0] : Putting-out-lights control OFF by LEDCTL terminal. (default)
[1] : Putting-out-lights control ON by LEDCTL terminal.
D3 : DISSUB2 A putting-out-lights ON/OFF setup of BLS2 terminal by LEDCTL terminal.
[0] : Putting-out-lights control OFF by LEDCTL terminal. (default)
[1] : Putting-out-lights control ON by LEDCTL terminal.
D2 : DISMTX A putting-out-lights ON/OFF setup of 7*7 dots matrix LED by LEDCTL terminal.
[0] : Putting-out-lights control OFF by LEDCTL terminal. (default)
[1] : Putting-out-lights control ON by LEDCTL terminal.
D1 : DISRGB1 A putting-out-lights ON/OFF setup of R1, G1 and B1 terminal by LEDCTL terminal.
[0] : Putting-out-lights control OFF by LEDCTL terminal. (default)
[1] : Putting-out-lights control ON by LEDCTL terminal.
D0 : DISRGB2 A putting-out-lights ON/OFF setup of R2, G2 and B2 terminal by LEDCTL terminal.
[0] : Putting-out-lights control OFF by LEDCTL terminal. (default)
[1] : Putting-out-lights control ON by LEDCTL terminal.
Register map detailed explanation (continued)
OPERATION (continued)
4. Register and Address (continued)
Doc No. TA4-EA-04511
Revision. 2
Established : 2006-08-29
Revised
: 2013-04-01


Número de pieza similar - AN32055A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AN32051A PANASONIC-AN32051A Datasheet
911Kb / 64P
   7 x 7 Dots Matrix LED Driver LSI
AN32058A PANASONIC-AN32058A Datasheet
908Kb / 65P
   7 x 7 Dots Matrix LED Driver LSI
More results

Descripción similar - AN32055A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AN32058A PANASONIC-AN32058A Datasheet
908Kb / 65P
   7 x 7 Dots Matrix LED Driver LSI
AN32051A PANASONIC-AN32051A Datasheet
911Kb / 64P
   7 x 7 Dots Matrix LED Driver LSI
logo
Marktech Corporate
TB62731FUG MARKTECH-TB62731FUG Datasheet
273Kb / 17P
   Step-up DC-DC Converter for White LED Driver
logo
Toshiba Semiconductor
TB62731FUG TOSHIBA-TB62731FUG Datasheet
246Kb / 20P
   Step-up DC-DC Converter for White LED Driver
logo
Stanson Technology
ST1938 STANSON-ST1938 Datasheet
151Kb / 5P
   DC-DC Step-Up Converter for White LED Driver
logo
Toshiba Semiconductor
TB62732FUG TOSHIBA-TB62732FUG Datasheet
290Kb / 18P
   Step-up DC/DC Converter for White LED Driver
logo
Stanson Technology
ST1937 STANSON-ST1937 Datasheet
202Kb / 6P
   DC-DC Step-Up Converter for White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
   Step-Up DC-DC Converter, White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com