Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMA121R3 Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza HMA121R3
Descripción Electrónicos  FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HMA121R3 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button HMA121R3 Datasheet HTML 2Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 3Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 4Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 5Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 6Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 7Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 8Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 9Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FULL PITCH MINI-FLAT PACKAGE
4-PIN OPTOCOUPLERS
11/12/03
Page 9 of 10
© 2003 Fairchild Semiconductor Corporation
HMA121 Series
HMA124
HMA2701 Series
HMAA2705
0.024 (0.61)
0.100 (2.54)
0.060 (1.52)
0.310 (7.87)
0.190 (4.83)
Footprint Drawing for PCB Layout
Recommended Infrared Reflow Soldering Profile
• Peak reflow temperature: 230°C (package surface temperature) for 30 seconds
• Time of temperature higher than 210°C: 60 seconds or less
• One time soldering reflow is recommended
(heating)
to 30 s
to 60 s
90 s
Time (s)
150 s
60 s
180°C
230°C (peak temperature)
210°C


Número de pieza similar - HMA121R3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
HMA0207 VISHAY-HMA0207 Datasheet
115Kb / 2P
   Metal Film Resistors, Power Type, Miniature
Revision 02-Aug-02
logo
Littelfuse
HMA251-73 LITTELFUSE-HMA251-73 Datasheet
455Kb / 4P
   H/I-Series
HMA251-78 LITTELFUSE-HMA251-78 Datasheet
455Kb / 4P
   H/I-Series
HMA271-73 LITTELFUSE-HMA271-73 Datasheet
455Kb / 4P
   H/I-Series
HMA271-78 LITTELFUSE-HMA271-78 Datasheet
455Kb / 4P
   H/I-Series
More results

Descripción similar - HMA121R3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR2V FAIRCHILD-FODM121AR2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMHAA280 FAIRCHILD-HMHAA280_06 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
HMHAA280 FAIRCHILD-HMHAA280 Datasheet
533Kb / 9P
   HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com