Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT809SSDI-T3 Datasheet(PDF) 9 Page - ON Semiconductor |
|
CAT809SSDI-T3 Datasheet(HTML) 9 Page - ON Semiconductor |
9 / 11 page CAT803, CAT809, CAT810 http://onsemi.com 9 Table 5. ORDERING PART NUMBER Order Number Quantity per Reel (Note 5) Package Reset Output Top Mark (Note 4) Voltage NiPdAu (Note 3) Quantity per Reel (Note 5) Package Reset Output Matte−Tin NiPdAu Voltage Matte−Tin CAT810LSDI−GT3 CAT810LSDI−T3 4.63 V VHA VHT CMOS / Push−Pull HIGH SC70−3 3,000 CAT810MSDI−GT3 CAT810MSDI−T3 4.38 V VHA VHT CAT810JSDI−GT3 CAT810JSDI−T3 4.00 V VHA VHT CAT810TSDI−GT3 CAT810TSDI−T3 3.08 V VHA VHT CAT810SSDI−GT3 CAT810SSDI−T3 2.93 V VHA VHT CAT810RSDI−GT3 CAT810RSDI−T3 2.63 V VHA VHT CAT810ZSDI−GT3 CAT810ZSDI−T3 2.32 V VHA VHT CAT810LTBI−GT3 CAT810LTBI−T3 4.63 V VHA VHT CMOS / Push−Pull HIGH SOT−23−3 CAT810MTBI−GT3 CAT810MTBI−T3 4.38 V VHA VHT CAT810JTBI−GT3 CAT810JTBI−T3 4.00 V VHA VHT CAT810TTBI−GT3 CAT810TTBI−T3 3.08 V VHA VHT CAT810STBI−GT3 CAT810STBI−T3 2.93 V VHA VHT CAT810RTBI−GT3 CAT810RTBI−T3 2.63 V VHA VHT CAT810ZTBI−GT3 CAT810ZTBI−T3 2.32 V VHA VHT 3. Not recommended for new designs. 4. Threshold and full part numbers will be provided on box and reel labels as well as all Shipping documents. 5. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. 6. For detailed information and a breakdown of device nomenclature and numbering systems, please see the ON Semiconductor Device Nomenclature document, TND310/D, available at www.onsemi.com |
Número de pieza similar - CAT809SSDI-T3 |
|
Descripción similar - CAT809SSDI-T3 |