Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL3155EIBZ Datasheet(PDF) 5 Page - Intersil Corporation |
|
ISL3155EIBZ Datasheet(HTML) 5 Page - Intersil Corporation |
5 / 22 page 5 FN6363.2 July 30, 2009 Absolute Maximum Ratings Thermal Information VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V Input Voltages DI, DE, RE . . . . . . . . . . . . . . . . -0.3V to (VCC + 0.3V) Input/Output Voltages A/Y, B/Z, A, B, Y, Z . . . . . . . . . . . . . . . . . -9V to +13V A/Y, B/Z, A, B, Y, Z (Transient Pulse Through 100Ω, Note 16) . . . . . . . . . . . . . . . . . . . . . . . . . . . ±100V RO. . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC +0.3V) Short Circuit Duration Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous ESD Rating . . . . . . . . . . . . . . . . . See Specification Table Recommended Operating Conditions Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Temperature Range . . . . . . . . . . . . . . . . -40°C to +85°C Bus Pin Common Mode Voltage Range . . . . . -7V to +12V Thermal Resistance (Typical, Note 5) θJA (°C/W) 8 Ld SOIC . . . . . . . . . . . . . . . . . 105 8 Ld MSOP, PDIP* . . . . . . . . . . . . 140 10 Ld MSOP . . . . . . . . . . . . . . . . 130 14 Ld SOIC . . . . . . . . . . . . . . . . 130 Maximum Junction Temperature (Plastic Package) . +150°C Maximum Storage Temperature Range . . -65°C to +150°C Pb-Free Reflow Profile. . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp *Pb-free PDIPs can be used for through-hole wave solder processing only. They are not intended for use in Reflow solder processing applications. CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTE: 5. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA =+25°C (Note6). Boldface limits apply over the operating temperature range, -40°C to +85°C. PARAMETER SYMBOL TEST CONDITIONS TEMP (°C) MIN (Note 14) TYP MAX (Note 14) UNITS DC CHARACTERISTICS Driver Differential VOUT (No load) VOD1 Full - - VCC V Driver Differential VOUT (Loaded) VOD2 RL = 100Ω (RS-422) (Figure 1A) Full 2.8 3.6 - V RL = 54Ω (RS-485) (Figure 1A) Full 2.4 3.1 VCC V RL = 15Ω (Eight 120Ω terminations) (Note 15) 25 - 1.65 - V RL = 60Ω, -7V ≤ VCM ≤ 12V (Figure 1B) Full 2.4 3- V Change in Magnitude of Driver Differential VOUT for Complementary Output States ΔVOD RL = 54Ω or 100Ω (Figure 1A) Full - 0.01 0.2 V Driver Common-Mode VOUT VOC RL = 54Ω or 100Ω (Figure 1A) Full - - 3.15 V Change in Magnitude of Driver Common-Mode VOUT for Complementary Output States ΔVOC RL = 54Ω or 100Ω (Figure 1A) Full - 0.01 0.2 V Logic Input High Voltage VIH DE, DI, RE Full 2 -- V Logic Input Low Voltage VIL DE, DI, RE Full - - 0.8 V DI Input Hysteresis Voltage VHYS 25 - 100 - mV Logic Input Current IIN1 DE, DI, RE Full -2 - 2 µA Input Current (A, B, A/Y, B/Z) IIN2 DE = 0V, VCC = 0V or 5.5V VIN = 12V Full - 70 125 µA VIN = -7V Full -75 55 - µA ISL3150E, ISL3152E, ISL3153E, ISL3155E, ISL3156E, ISL3158E |
Número de pieza similar - ISL3155EIBZ |
|
Descripción similar - ISL3155EIBZ |