Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM341T-12 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LM341T-12
Descripción Electrónicos  3-Terminal Positive Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM341T-12 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM341T-12 Datasheet HTML 3Page - Texas Instruments LM341T-12 Datasheet HTML 4Page - Texas Instruments LM341T-12 Datasheet HTML 5Page - Texas Instruments LM341T-12 Datasheet HTML 6Page - Texas Instruments LM341T-12 Datasheet HTML 7Page - Texas Instruments LM341T-12 Datasheet HTML 8Page - Texas Instruments LM341T-12 Datasheet HTML 9Page - Texas Instruments LM341T-12 Datasheet HTML 10Page - Texas Instruments LM341T-12 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Typical Performance Characteristics (Continued)
Quiescent Current
Output Impedance
01048416
01048417
Line Transient Response
Load Transient Response
01048407
01048408
Design Considerations
The LM78MXX/LM341XX fixed voltage regulator series has
built-in thermal overload protection which prevents the de-
vice from being damaged due to excessive junction tem-
perature.
The regulators also contain internal short-circuit protection
which limits the maximum output current, and safe-area
protection for the pass transistor which reduces the short-
circuit current as the voltage across the pass transistor is
increased.
Although the internal power dissipation is automatically lim-
ited, the maximum junction temperature of the device must
be kept below +125˚C in order to meet data sheet specifica-
tions. An adequate heatsink should be provided to assure
this limit is not exceeded under worst-case operating condi-
tions (maximum input voltage and load current) if reliable
performance is to be obtained).
1.0 HEATSINK CONSIDERATIONS
When an integrated circuit operates with appreciable cur-
rent, its junction temperature is elevated. It is important to
quantify its thermal limits in order to achieve acceptable
performance and reliability. This limit is determined by sum-
ming the individual parts consisting of a series of tempera-
ture rises from the semiconductor junction to the operating
environment. A one-dimension steady-state model of con-
duction heat transfer is demonstrated in The heat generated
at the device junction flows through the die to the die attach
pad, through the lead frame to the surrounding case mate-
rial, to the printed circuit board, and eventually to the ambi-
ent environment. Below is a list of variables that may affect
the thermal resistance and in turn the need for a heatsink.
Rθ
JC(Component
Variables)
Rθ
CA(Application
Variables)
Leadframe Size & Material
Mounting Pad Size,
Material, & Location
No. of Conduction Pins
Placement of Mounting Pad
Die Size
PCB Size & Material
Die Attach Material
Traces Length & Width
Molding Compound Size
and Material
Adjacent Heat Sources
Volume of Air
Air Flow
Ambient Temperature
Shape of Mounting Pad
www.national.com
6


Número de pieza similar - LM341T-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM341T-12 NSC-LM341T-12 Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
More results

Descripción similar - LM341T-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com