Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STA335W13TR Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STA335W13TR
Descripción Electrónicos  2.0-channel high-efficiency digital audio system
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W13TR Datasheet(HTML) 1 Page - STMicroelectronics

  STA335W13TR Datasheet HTML 1Page - STMicroelectronics STA335W13TR Datasheet HTML 2Page - STMicroelectronics STA335W13TR Datasheet HTML 3Page - STMicroelectronics STA335W13TR Datasheet HTML 4Page - STMicroelectronics STA335W13TR Datasheet HTML 5Page - STMicroelectronics STA335W13TR Datasheet HTML 6Page - STMicroelectronics STA335W13TR Datasheet HTML 7Page - STMicroelectronics STA335W13TR Datasheet HTML 8Page - STMicroelectronics STA335W13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
August 2009
Rev 1
1/43
3
STA335W
2.0-channel high-efficiency digital audio system
Features
Wide voltage supply range
– 5 V to 26 V (operating range)
– 30 V (absolute maximum rating)
2 channels of ternary PWM (stereo mode) (2 x
20 W into 8
Ω at 18 V)
2.0 channels of 24-bit FFX 100 dB SNR and
dynamic range
Selectable 32 to 192 kHz input sample rates
I2C control with selectable device address
Digital gain/attenuation +48 dB to -80 dB with
0.5 dB/step resolution
Soft volume update with programmable ratio
Individual channel and master gain/attenuation
Individual channel and master soft/hard mute
Automatic zero-detect mute
Automatic invalid input-detect mute
2-channel I2S input data interface
Advanced AM interference frequency
switching and noise suppression modes
Selectable high- or low-bandwidth
noise-shaping topologies
Variable max power correction for lower
full-power THD
Selectable clock input ratio
96 kHz internal processing sample rate, 24 to
28-bit precision
Thermal overload and short-circuit protection
embedded
Video apps: 576 x Fs input mode supported
Fully compatible with STA335BW (on the
common registers).
PowerSSO-36 (slug down)
Table 1.
Device summary
Order code
Package
Packaging
STA335W
PowerSSO-36 slug down
Tube
STA335W13TR
PowerSSO-36 slug down
Tape and reel
www.st.com


Número de pieza similar - STA335W13TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
STA3350D KODENSHI-STA3350D Datasheet
377Kb / 6P
   PNP Silicon Transistor
STA3350D KODENSHI-STA3350D Datasheet
377Kb / 6P
   PNP Silicon Transistor
logo
AUK corp
STA3350F AUK-STA3350F Datasheet
360Kb / 4P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
STA3350F KODENSHI-STA3350F Datasheet
383Kb / 6P
   PNP Silicon Transistor
STA3350F KODENSHI-STA3350F Datasheet
383Kb / 6P
   PNP Silicon Transistor
More results

Descripción similar - STA335W13TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
   2.1-channel high-efficiency digital audio system
STA333W STMICROELECTRONICS-STA333W Datasheet
660Kb / 42P
   2-channel high-efficiency digital audio system
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
   2.1-channel high-efficiency digital audio system
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
   2.1-channel high-efficiency digital audio system
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
   2.1-channel high-efficiency digital audio system
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
   2.1-channel high-efficiency digital audio system
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
   2.1 high efficiency digital audio system
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com