Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG509A Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADG509A
Descripción Electrónicos  CMOS 4-/8-Channel Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG509A Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG509A Datasheet HTML 6Page - Analog Devices ADG509A Datasheet HTML 7Page - Analog Devices ADG509A Datasheet HTML 8Page - Analog Devices ADG509A Datasheet HTML 9Page - Analog Devices ADG509A Datasheet HTML 10Page - Analog Devices ADG509A Datasheet HTML 11Page - Analog Devices ADG509A Datasheet HTML 12Page - Analog Devices ADG509A Datasheet HTML 13Page - Analog Devices ADG509A Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG508A/ADG509A
Rev. D | Page 10 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
The multiplexers are guaranteed functional with reduced single or dual supplies down to 4.5 V.
600
500
400
300
200
100
–15
–10
–5
0
5
10
15
700
0
–20
20
VD [VS](V)
VDD =+5V
VSS = –5V
VDD = +10.8V
VSS = –10.8V
VDD = +15V
VSS = –15V
Figure 8. RON as a Function of VD (VS): Dual-Supply Voltage, TA = 25°C
10
1
0.1
25
35
45
55
65
85
95
105
115
100
75
125
TEMPERATURE (°C)
VDD = +16.5V
VSS = –16.5V
ID (ON)
ID (OFF)
IS (OFF)
Figure 9. Leakage Current as a Function of Temperature
(Note: Leakage Currents Reduce as the Supply Voltages Reduce)
700
600
500
400
300
200
6789
10
11
12
13
14
800
100
515
SUPPLY VOLTAGE (V)
SINGLE
SUPPLY
DUAL
SUPPLY
Figure 10. tTRANSITION vs. Supply Voltage: Dual and Single Supplies, TA = 25°C
(Note: For VDD and lVSSl < 10 V; V1 = VDD/VSS, V2 = VSS/VDD. (see Figure 19))
600
500
400
300
200
100
–15
–10
–5
0
5
10
15
700
0
–20
20
VD [VS](V)
VDD =10.8V
VSS =0V
VDD =15V
VSS =0V
Figure 11. RON as a Function of VD (VS) Single-Supply Voltage, TA = 25°C
1.8
1.7
1.6
1.9
1.5
67
89
10
11
12
13
14
5
SUPPLY VOLTAGE (V)
15
Figure 12. Trigger Levels vs. Power Supply Voltage, Dual or Single Supply,
TA = 25°C
0.8
0.6
0.4
0.2
6789
10
11
12
13
14
15
16
1.0
0
5
SUPPLY VOLTAGE (V)
17
Figure 13. IDD vs. Supply Voltage: Dual or Single Supply, TA = 25°C


Número de pieza similar - ADG509A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG509ABQ AD-ADG509ABQ Datasheet
304Kb / 8P
   CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
REV. B
ADG509AKN AD-ADG509AKN Datasheet
304Kb / 8P
   CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
REV. B
ADG509AKP AD-ADG509AKP Datasheet
304Kb / 8P
   CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
REV. B
ADG509AKR AD-ADG509AKR Datasheet
304Kb / 8P
   CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
REV. B
ADG509ATE AD-ADG509ATE Datasheet
304Kb / 8P
   CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
REV. B
More results

Descripción similar - ADG509A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508A AD-ADG508A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7503JNZ AD-AD7503JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501SQ AD-AD7501SQ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508AKRZ AD-ADG508AKRZ Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
Rev. D
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com