Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N0604N Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza N0604N
Descripción Electrónicos  N-channel MOSFET Low on-state resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0604N Datasheet(HTML) 3 Page - Renesas Technology Corp

  N0604N Datasheet HTML 1Page - Renesas Technology Corp N0604N Datasheet HTML 2Page - Renesas Technology Corp N0604N Datasheet HTML 3Page - Renesas Technology Corp N0604N Datasheet HTML 4Page - Renesas Technology Corp N0604N Datasheet HTML 5Page - Renesas Technology Corp N0604N Datasheet HTML 6Page - Renesas Technology Corp N0604N Datasheet HTML 7Page - Renesas Technology Corp N0604N Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
N0604N
Chapter Title
R07DS0850EJ0100 Rev.1.00
Page 3 of 6
Aug 27, 2012
Typical Characteristics (TA = 25°C)
DERATING FACTOR OF FORWARD BIAS SAFE
OPERATING AREA
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
20
40
60
80
100
120
140
0
25
50
75
100
125
150
175
TC - Case Temperature - °C
0
50
100
150
0
25
50
75
100
125
150
175
TC - Case Temperature - °C
FORWARD BIAS SAFE OPERATING AREA
0.1
1
10
100
1000
0.1
1
10
100
PW
=
10
0
s
TC = 25°C
Single Pulse
R
D
S(
on
)L
im
ite
d
IDC(pulse) = 200 A
Power Dissipation Limited
DC
IDC(DC) = 82 A
10 ms
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.01
0.1
1
10
100
1000
Rth(ch-A) = 83.3 °C/W
Single pulse
Rth(ch-C) = 1.08 °C/W
PW - Pulse Width - s
0.1 m
1 m
10 m
100 m
1
10
100
1000


Número de pieza similar - N0604N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
N0604N RENESAS-N0604N_15 Datasheet
148Kb / 8P
   N-channel MOSFET 60 V, 82 A, 6.5 m廓
More results

Descripción similar - N0604N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MAX4595 TI1-MAX4595_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4594 TI1-MAX4594_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4597 TI1-MAX4597_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
logo
Renesas Technology Corp
UPA2690T1R RENESAS-UPA2690T1R Datasheet
326Kb / 11P
   COMPLEMENTARY MOSFET Low on-state resistance
logo
Sanken electric
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
   Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
   Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
   Low on-state resistance
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
   Low on-state resistance
logo
International Rectifier
IRF7331PBF IRF-IRF7331PBF_08 Datasheet
220Kb / 9P
   Ultra Low On-Resistance Dual N-Channel MOSFET
logo
NXP Semiconductors
PSMN006-20K518 NXP-PSMN006-20K518 Datasheet
261Kb / 12P
   Very low on-state resistance
Rev. 01-30 May 2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com