Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ILC7083AIM550X Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza ILC7083AIM550X
Descripción Electrónicos  150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7083AIM550X Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button ILC7083AIM550X Datasheet HTML 3Page - Fairchild Semiconductor ILC7083AIM550X Datasheet HTML 4Page - Fairchild Semiconductor ILC7083AIM550X Datasheet HTML 5Page - Fairchild Semiconductor ILC7083AIM550X Datasheet HTML 6Page - Fairchild Semiconductor ILC7083AIM550X Datasheet HTML 7Page - Fairchild Semiconductor ILC7083AIM550X Datasheet HTML 8Page - Fairchild Semiconductor ILC7083AIM550X Datasheet HTML 9Page - Fairchild Semiconductor ILC7083AIM550X Datasheet HTML 10Page - Fairchild Semiconductor ILC7083AIM550X Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ILC7083/ILC7084
REV. 1.0.9 1/28/03
7
Maximum Output Current
The maximum output current available from the ILC7083/
ILC7084 is limited by the maximum package power dissipa-
tion as well as the device’s internal current limit. For a given
ambient temperature, TA, the maximum package power
dissipation is given by:
PD(MAX) = (TJ(MAX) – TA) / θJA
where TJ(MAX) = 150°C is the maximum junction tempera-
ture and
θ
JA = 333°C/W is the package thermal resistance.
For example at TA = 85°C ambient temperature, the maxi-
mum package power dissipation is;
PD(MAX) = 195mW.
The maximum output current can be calculated from the fol-
lowing equation:
IOUT(MAX) < PD(MAX) / (VIN – VOUT)
For example at VIN = 6V, VOUT = 5V and TA = 85°C, the
maximum output current is IOUT(MAX) < 195mA. At higher
output current, the die temperature will rise and cause the
thermal protection circuit to be enabled.
Application Hints
Figure 4 shows the typical application circuit for the
ILC7083.
Figure 4. Basic Application Circuit for
Fixed Output Voltage Versions
Input Capacitor
An input capacitor CIN of value 1µF or larger should be con-
nected from VIN to the main ground plane. This will help to
filter supply noise from entering the LDO. The input capaci-
tor should be connected as close to the LDO regulator input
pin as is practical. Using a high-value input capacitor will
offer superior line transient response as well as better power
supply ripple rejection. A ceramic or tantalum capacitor may
be used at the input of the LDO regulator.
Note that there is a parasitic diode from the LDO regulator
output to the input. If the input voltage swings below the reg-
ulator’s output voltage by a couple of hundred millivolts then
the regulator may be damaged. This condition must be
avoided. In many applications a large value input capacitor,
CIN, will hold VIN higher than VOUT and decay slower than
VOUT when the LDO is powered off.
Output Capacitor Selection
Fairchild strongly recommends the use of low ESR
(equivalent series resistance) ceramic capacitors for COUT
and CNOISE. The ILC7083/ILC7084 is stable with low ESR
capacitor (as low as zero
Ω). The value of the output
capacitor should be 1µF or higher. Either ceramic chip or
a tantalum capacitor may be used at the output.
Use of ceramic chip capacitors offer significant advantages
over tantalum capacitors. A ceramic capacitor is typically
cheaper than a tantalum capacitor, it usually has a smaller
footprint, lower height, and lighter weight than a tantalum
capacitor. Furthermore, unlike tantalum capacitors which are
polarized and can be damaged if connected incorrectly,
ceramic capacitors are non-polarized. Low value ceramic
chip capacitors with X5R or X7R dielectric are available in
the 100pF to 4.7µF range. Beware of using ceramic capaci-
tors with Y5V dielectric since their ESR increases signifi-
cantly at cold temperatures. Please see the table of
recommended ceramic capacitors for use at the output of
ILC7083/ILC7084.
Note: If a tantalum output capacitor is used then for stable
operation. We recommend a low ESR tantalum capacitor
with maximum rated ESR at or below 0.4
Ω. Low ESR tanta-
lum capacitors, such as the TPS series from AVX Corpora-
tion (www.avxcorp.com) or the T495 series from Kemet
(www.kemet.com) may be used.
In applications where a high output surge current can be
expected, use a high value but low ESR output capacitor for
superior load transient response. The ILC7083/ILC7084 is
stable with no load.
Noise Bypass Capacitor
In low noise applications, the self noise of the ILC7083 can
be decreased further by connecting a capacitor from the
noise bypass pin (pin 4) to ground (pin 2). The noise bypass
pin is a high impedance node as such care should be taken in
printed circuit board layout to avoid noise pick-up from
external sources. Moreover, the noise bypass capacitor
should have low leakage.
Noise bypass capacitors with a value as low as 470pF may
be used. However, for optimum performance, use a 0.01µF
or larger, ceramic chip capacitor. Note that the turn on and
turn off response of the ILC7083 is inversely proportional to
the value of the noise bypass capacitor. For fast turn on and
turn off, use a small value noise bypass capacitor. In applica-
tions where exceptionally low output noise is not required,
consider omitting the noise bypass capacitor altogether.
ILC7083
V
OUT
V
IN
C
OUT
SOT23-5
C
IN
ON
OFF
12
3
4
5
C
NOISE


Número de pieza similar - ILC7083AIM550X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Impala Linear Corporati...
ILC708 IMPALA-ILC708 Datasheet
74Kb / 5P
   MP SUPERVISORY CIRCUIT
ILC7080 IMPALA-ILC7080 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
logo
Fairchild Semiconductor
ILC7080 FAIRCHILD-ILC7080 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
ILC7080AIM5 FAIRCHILD-ILC7080AIM5 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
logo
Impala Linear Corporati...
ILC7080AIM5-285 IMPALA-ILC7080AIM5-285 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
More results

Descripción similar - ILC7083AIM550X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Impala Linear Corporati...
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7082 FAIRCHILD-ILC7082 Datasheet
205Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com