Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF330-333 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza IRF330-333
Descripción Electrónicos  N-Channel Power MOSFETs, 5.5A, 350 V/400V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF330-333 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  IRF330-333 Datasheet HTML 1Page - Fairchild Semiconductor IRF330-333 Datasheet HTML 2Page - Fairchild Semiconductor IRF330-333 Datasheet HTML 3Page - Fairchild Semiconductor IRF330-333 Datasheet HTML 4Page - Fairchild Semiconductor IRF330-333 Datasheet HTML 5Page - Fairchild Semiconductor IRF330-333 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image


Número de pieza similar - IRF330-333

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
IRF330 SAMSUNG-IRF330 Datasheet
208Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF330 IRF-IRF330 Datasheet
146Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=1.00ohm, Id=5.5A)
logo
Seme LAB
IRF330 SEME-LAB-IRF330 Datasheet
96Kb / 3P
   N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRF330 NJSEMI-IRF330 Datasheet
848Kb / 3P
   IRF330-333/IRF730-733 MTM/MTP5N35/5N40 N-Channel Power MOSFETs
More results

Descripción similar - IRF330-333

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
   N-Channel Power MOSFETs, 5.5A, 350V/400V
IRF710-713 FAIRCHILD-IRF710-713 Datasheet
147Kb / 5P
   N-Channel Power MOSFETs, 2.25A, 350-400V
logo
Tak Cheong Electronics ...
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
logo
Intersil Corporation
BUZ60 INTERSIL-BUZ60 Datasheet
41Kb / 5P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
October 1998
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFF730 TAK_CHEONG-TFF730 Datasheet
325Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
logo
Intersil Corporation
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRF330 NJSEMI-IRF330 Datasheet
848Kb / 3P
   N-Channel Power MOSFETs, 5.5 A, 350 V/400 V
logo
Shindengen Electric Mfg...
P23F40HP2FM SHINDENGEN-P23F40HP2FM Datasheet
1Mb / 8P
   Power MOSFETs 400V, 23A, N-channel
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com