Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5545GX-750M-T250 Datasheet(PDF) 2 Page - Pletronics, Inc.

No. de pieza SM5545GX-750M-T250
Descripción Electrónicos  SM55G Series 1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PLETRONICS [Pletronics, Inc.]
Página de inicio  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5545GX-750M-T250 Datasheet(HTML) 2 Page - Pletronics, Inc.

  SM5545GX-750M-T250 Datasheet HTML 1Page - Pletronics, Inc. SM5545GX-750M-T250 Datasheet HTML 2Page - Pletronics, Inc. SM5545GX-750M-T250 Datasheet HTML 3Page - Pletronics, Inc. SM5545GX-750M-T250 Datasheet HTML 4Page - Pletronics, Inc. SM5545GX-750M-T250 Datasheet HTML 5Page - Pletronics, Inc. SM5545GX-750M-T250 Datasheet HTML 6Page - Pletronics, Inc. SM5545GX-750M-T250 Datasheet HTML 7Page - Pletronics, Inc. SM5545GX-750M-T250 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SM55G Series 1.8 V
CMOS Clock Oscillators
April 2010
www.pletronics.com
425-776-1880
2
P ff.fff M
C YMDxx
P ff.fff M
C YYWWxx
P5xYWWx
C ff.fff M
PLE SM55
ff.fff M
C YMDxx
5xYWWxx
ff.fff M
C PLExx
Part Number:
SM55
45
G
E
X
- 75.0M
-XX
Packaging code or blank
T250 = 250 per Tape and Reel
T500 = 500 per Tape and Reel
T1K = 1000 per Tape and Reel
Frequency in MHz
Supply Voltage V
CC
X = 1.8V +
_ 10%
Optional Enhanced OTR
Blank = Temp. range -10 to +70
oC
C = Temp. range -20 to +70
oC
E = Temp. range -40 to +85
oC
Series Model
Frequency Stability
45 = +
_ 50 ppm
44 = +
_ 25 ppm
20 = +
_ 20 ppm
Series Model
Part Marking and Legend:
PLE
= Pletronics
FF.FFF M
= Frequency in MHz
YYWW or YWW or YMD
= Date of Manufacture (year and week, or year-month-day)
All other marking is internal factory codes
Specifications such as frequency stability, supply voltage and operating temperature range, etc. are
not identified from the marking. External packaging labels and packing list will correctly identify the
ordered Pletronics part number.
Codes for Date Code YMD
Code
10
1234
Code
AB
C
D
E
F
G
H
J
K
L
M
Year 2010 2011 2012 2013 2014 Month JAN FEB MAR APR MAY JUN JUL AUG SEP OCT NOV DEC
Code
123456789
A
B
C
D
E
F
G
Day
1
23456789
10
11
12
13
14
15
16
Code
H
J
K
L
M
N
P
R
T
U
V
W
X
Y
Z
Day
171819202122232425262728
2930
31


Número de pieza similar - SM5545GX-750M-T250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pletronics, Inc.
SM5545GX PLETRONICS-SM5545GX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
More results

Descripción similar - SM5545GX-750M-T250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pletronics, Inc.
SM5545GV-750M-T250 PLETRONICS-SM5545GV-750M-T250 Datasheet
111Kb / 8P
   SM55G Series 3.3 V CMOS Clock Oscillators
SM5545GW-750M-T250 PLETRONICS-SM5545GW-750M-T250 Datasheet
111Kb / 8P
   SM55G Series 2.5 V CMOS Clock Oscillators
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7645DEX PLETRONICS-SM7645DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com