Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5545JV-750M-T250 Datasheet(PDF) 6 Page - Pletronics, Inc.

No. de pieza SM5545JV-750M-T250
Descripción Electrónicos  SM55J Series 3.3 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PLETRONICS [Pletronics, Inc.]
Página de inicio  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5545JV-750M-T250 Datasheet(HTML) 6 Page - Pletronics, Inc.

  SM5545JV-750M-T250 Datasheet HTML 1Page - Pletronics, Inc. SM5545JV-750M-T250 Datasheet HTML 2Page - Pletronics, Inc. SM5545JV-750M-T250 Datasheet HTML 3Page - Pletronics, Inc. SM5545JV-750M-T250 Datasheet HTML 4Page - Pletronics, Inc. SM5545JV-750M-T250 Datasheet HTML 5Page - Pletronics, Inc. SM5545JV-750M-T250 Datasheet HTML 6Page - Pletronics, Inc. SM5545JV-750M-T250 Datasheet HTML 7Page - Pletronics, Inc. SM5545JV-750M-T250 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SM55J Series 3.3 V
CMOS Clock Oscillators
March 2013
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
A
0.197 +
_0.006
5.00 +
_0.15
B
0.126 +
_0.006
3.20 +
_0.15
C
0.045 +
_0.004
1.15 +
_0.10
D
0.048
1.23
1
E
0.100
2.54
1
F
0.004
0.10
1
G
0.050
1.27
1
H
0.055
1.40
1
Not to Scale
Typical dimensions
1
I
0.024
0.60
1
J
0.004
0.10R
1
K
0.008
0.020R
1
Contacts :
Gold 11.8 to 39.4 µinches (0.3 to 1.0 µm) over Nickel 50 to 350 µinches (1.27 to 8.89 µm)
Pad
Function
Note
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is logic low the output will be inhibited (high impedance state.)
CC
Recommend connecting this pad to V
if the oscillator is to be always on.
2
Ground (GND)
3
Output
4
Supply Voltage
CC
(V )
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
For Optim um Jitter Perform ance, Pletronics recom m ends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large m agnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or m echanical fans.


Número de pieza similar - SM5545JV-750M-T250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pletronics, Inc.
SM5545JV-75.0M-T1K PLETRONICS-SM5545JV-75.0M-T1K Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
SM5545JV-75.0M-T1K PLETRONICS-SM5545JV-75.0M-T1K Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
SM5545JV-75.0M-T250 PLETRONICS-SM5545JV-75.0M-T250 Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
SM5545JV-75.0M-T250 PLETRONICS-SM5545JV-75.0M-T250 Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
SM5545JV-75.0M-T500 PLETRONICS-SM5545JV-75.0M-T500 Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
More results

Descripción similar - SM5545JV-750M-T250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pletronics, Inc.
SM5545JW-750M-T250 PLETRONICS-SM5545JW-750M-T250 Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
SM5545JX-750M-T250 PLETRONICS-SM5545JX-750M-T250 Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
SM7745HEV PLETRONICS-SM7745HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745MEV PLETRONICS-SM7745MEV Datasheet
149Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545TEV PLETRONICS-SM5545TEV Datasheet
154Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7645DEV PLETRONICS-SM7645DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7745DEV PLETRONICS-SM7745DEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745GEV PLETRONICS-SM7745GEV Datasheet
150Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545GEV PLETRONICS-SM5545GEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545MEV PLETRONICS-SM5545MEV Datasheet
145Kb / 8P
   3.3 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com