Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM5544TX-75.0M-T500 Datasheet(PDF) 6 Page - Pletronics, Inc. |
|
SM5544TX-75.0M-T500 Datasheet(HTML) 6 Page - Pletronics, Inc. |
6 / 8 page SM55T Series 1.8 V CMOS Clock Oscillators April 2010 www.pletronics.com 425-776-1880 6 Mechanical: Inches mm A 0.197 + _0.006 5.00 + _0.15 B 0.126 + _0.006 3.20 + _0.15 C 0.045 + _0.004 1.15 + _0.10 D 1 0.048 1.23 E 1 0.100 2.54 F 1 0.004 0.10 G 1 0.050 1.27 H 1 0.055 1.40 Not to Scale 1 Typical dimensions I 1 0.024 0.60 J 1 0.004 0.10R K 1 0.008 0.020R Contacts : Gold 11.8 to 39.4 µinches (0.3 to 1.0 µm) over Nickel 50 to 350 µinches (1.27 to 8.89 µm) Pad Function Note 1 Output Enable/Disable When this pad is not connected the oscillator shall operate. When this pad is logic low the output will be inhibited (high impedance state.) Recommend connecting this pad to V CC if the oscillator is to be always on. 2 Ground (GND) 3 Output 4 Supply Voltage (V CC) Recommend connecting appropriate power supply bypass capacitors as close as possible. Layout and application information For Optimum Jitter Performance, Pletronics recommends: • a ground plane under the device • no large transient signals (both current and voltage) should be routed under the device • do not layout near a large magnetic field such as a high frequency switching power supply • do not place near piezoelectric buzzers or mechanical fans. |
Número de pieza similar - SM5544TX-75.0M-T500 |
|
Descripción similar - SM5544TX-75.0M-T500 |