Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4S71G2 Datasheet(PDF) 8 Page - Rohm

No. de pieza BU4S71G2
Descripción Electrónicos  Single Gate CMOS Logic ICs Gate>
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4S71G2 Datasheet(HTML) 8 Page - Rohm

Back Button BU4S71G2 Datasheet HTML 4Page - Rohm BU4S71G2 Datasheet HTML 5Page - Rohm BU4S71G2 Datasheet HTML 6Page - Rohm BU4S71G2 Datasheet HTML 7Page - Rohm BU4S71G2 Datasheet HTML 8Page - Rohm BU4S71G2 Datasheet HTML 9Page - Rohm BU4S71G2 Datasheet HTML 10Page - Rohm BU4S71G2 Datasheet HTML 11Page - Rohm BU4S71G2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
BU4S01G2,BU4S11G2,BU4SU69G2,BU4S71G2,BU4S81G2, BU4S584G2
Technical Note
8/16
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics(BU4S584G2)
DC Characteristics (Unless otherwise noted, VSS=0[V],Ta=25[℃])
Parameter
Symbol
Standard Value
Unit
Condition
Fig.
No
MIN
TYP
MAX
VDD[V]
Input “H” voltage
VIH
2.6
-
-
V
3
-
46
3.5
-
-
5
47
7.0
-
-
10
48
11.0
-
-
15
Input “L” voltage
VIL
-
-
0.4
V
3
-
46
-
-
1.5
5
47
-
-
3.0
10
48
-
-
4.0
15
Input “H” current
IIH
-
-
0.3
μA
15
VIH=15[V]
-
Input “L” current
IIL
-
-
-0.3
μA
15
VIL=0[V]
-
Output “H” voltage
VOH
2.95
-
-
V
3
|IOUT|<1[μA]
VIN=VSS
49
4.95
-
-
5
9.95
-
-
10
14.95
-
-
15
Output “L” voltage
VOL
-
-
0.05
V
3
|IOUT|<1[μA]
VIN=VDD
50
-
-
0.05
5
-
-
0.05
10
-
-
0.05
15
Output “H” current
IOH
-0.1
-
-
mA
3
VOH=2.7[V]
49
-0.51
-
-
5
VOH=4.6 [V]
-2.1
-
-
5
VOH=2.5[V]
-1.3
-
-
10
VOH=9.5[V]
-3.4
-
-
15
VOH=13.5[V]
Output “L” current
IOL
0.1
-
-
mA
3
VOL=0.3[V]
50
0.51
-
-
5
VOL=0.4[V]
1.3
-
-
10
VOL=0.5[V]
3.4
-
-
15
VOL=1.5[V]
Hysteresis voltage
VH
0.1
-
0.5
V
3
-
-
0.15
-
0.6
5
0.25
-
1.0
10
0.40
-
1.5
15
Supply current
IDD
-
-
0.2
μA
3
VIN=VSS or VDD
-
-
-
0.25
5
-
-
0.5
10
-
-
1.0
15
Switching Characteristics (Unless otherwise noted, VSS=0[V],Ta=25[℃],CL=50[pF])
Parameter
Symbol
Standard Value
Unit
Condition
Fig.
No
MIN
TYP
MAX
VDD[V]
Output rising time
tTLH
-
140
-
ns
3
-
51
-
70
-
5
-
35
-
10
-
30
-
15
Output falling time
tTHL
-
140
-
ns
3
-
52
-
70
-
5
-
35
-
10
-
30
-
15
Propagation delay time
tPLH
-
230
-
ns
3
-
53
-
125
-
5
-
60
-
10
-
50
-
15
tPHL
-
230
-
ns
3
-
54
-
125
-
5
-
60
-
10
-
50
-
15


Número de pieza similar - BU4S71G2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4S71G2 ROHM-BU4S71G2 Datasheet
149Kb / 5P
   single OR gate
BU4S71G2 ROHM-BU4S71G2 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2 ROHM-BU4S71G2 Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2 ROHM-BU4S71G2 Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S71G2 ROHM-BU4S71G2 Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
More results

Descripción similar - BU4S71G2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
BU4015B ROHM-BU4015B_09 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
logo
OSRAM GmbH
SFH5400 OSRAM-SFH5400 Datasheet
146Kb / 7P
   Logic Gate Detector
logo
ON Semiconductor
MC74VHC1GT00DTT1G ONSEMI-MC74VHC1GT00DTT1G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com