Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-011YT Datasheet(PDF) 4 Page - Rohm

No. de pieza SML-011YT
Descripción Electrónicos  Reflector improved the concentration of viewing angle and luminous intensity to the front direction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-011YT Datasheet(HTML) 4 Page - Rohm

  SML-011YT Datasheet HTML 1Page - Rohm SML-011YT Datasheet HTML 2Page - Rohm SML-011YT Datasheet HTML 3Page - Rohm SML-011YT Datasheet HTML 4Page - Rohm SML-011YT Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Part No. Construction
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
0 1 2 U 8 T
P
T 8 6
Special Code will be applied for
Emitting color W/B/E series.
Chromaticity rank (for white LED)
A
(Special Code)
“−” will be taken out for
emitting color W, B, E series.
Series name
Package type
Chip Type
Emitting Color Resin Color
Taping Specifications
Rank sign (Brightness Rank)∗
V
U
1 Low Current Type
2 High Brightness Type
3 Ultra High Brightness Type
Y
W
M
P
E
T86
T87
1
T Transparent Colorless
Cathode at sprocket hole side
For white LED, cathode at sprocket hole side
Reverse of T86
W MilkyWhite
Red:630nm
Red:620nm
Yellow:587(590)nm
D Orange:605nm
Yellow:590nm
Yellowish-Green:572nm
Green:560nm
Bluish-Green:525nm
B Blue:470nm
WB White
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
SML-01 series
4/4
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Número de pieza similar - SML-011YT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-011YT ROHM-SML-011YT Datasheet
349Kb / 3P
   High Brightness Type Chip LEDs with reflector
SML-011YT ROHM-SML-011YT Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-011YT ROHM-SML-011YT Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML-011YT ROHM-SML-011YT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-011YT ROHM-SML-011YT Datasheet
497Kb / 10P
   SML-01 series
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com