Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF654 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza IRF654
Descripción Electrónicos  250V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF654 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  IRF654 Datasheet HTML 1Page - Fairchild Semiconductor IRF654 Datasheet HTML 2Page - Fairchild Semiconductor IRF654 Datasheet HTML 3Page - Fairchild Semiconductor IRF654 Datasheet HTML 4Page - Fairchild Semiconductor IRF654 Datasheet HTML 5Page - Fairchild Semiconductor IRF654 Datasheet HTML 6Page - Fairchild Semiconductor IRF654 Datasheet HTML 7Page - Fairchild Semiconductor IRF654 Datasheet HTML 8Page - Fairchild Semiconductor IRF654 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev. A, November 2001
©2001 Fairchild Semiconductor Corporation
0
2040
6080
100
0
2
4
6
8
10
12
V
DS = 125V
V
DS = 50V
V
DS = 200V
※ Note : I
D = 25 A
Q
G, Total Gate Charge [nC]
0
20
406080
100
0.0
0.2
0.4
0.6
0.8
V
GS = 20V
V
GS = 10V
※ Note : T
J = 25
I
D, Drain Current [A]
24
68
10
10
-1
10
0
10
1
150
o
C
25
o
C
-55
o
C
※ Notes :
1. V
DS
= 40V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
Bottom:
5.0 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
10
-1
10
0
10
1
0
2000
4000
6000
8000
C
oss
C
iss = Cgs + Cgd (Cds = shorted)
C
oss
= C
ds
+ C
gd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
iss
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
0
10
1
150℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Número de pieza similar - IRF654

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
IRF654A FAIRCHILD-IRF654A Datasheet
238Kb / 7P
   Advanced Power MOSFET
logo
Inchange Semiconductor ...
IRF654A ISC-IRF654A Datasheet
280Kb / 2P
   isc N-Channel MOSFET Transistor
IRF654B ISC-IRF654B Datasheet
280Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - IRF654

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com